| Electronic Components Datasheet Search |
|
CS493263-IL Datasheet(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS493263-IL Datasheet(HTML) 44 Page - Cirrus Logic |
|
44 / 86 page ![]() CS49300 Family DSP 44 DS339PP4 6.2.1.1.Writing a Byte in Intel Mode Information provided in this section is intended as a functional description of how to write control information to the CS493XX. The system designer must insure that all of the timing constraints of the Intel Parallel Host Mode Write Cycle are met. The flow diagram shown in Figure 24 illustrates the sequence of events that define a one-byte write in Intel mode. The protocol presented in Figure 24 will now be described in detail. 1) The host must first drive the A1 and A0 register address pins of the CS493XX with the address of the desired Parallel I/O Register. Host Message: A[1:0]==00b. Host Control: A[1:0]==01b. PCMDATA: A[1:0]==10b. CMPDATA: A[1:0]==11b. 2) The host then indicates that the selected register will be written. The host initiates a write cycle by driving the CS and WR pins low. 3) The host drives the data byte to the DATA[7:0] pins of the CS493XX. 4) Once the setup time for the write has been met, the host ends the write cycle by driving the CS and WR pins high. 6.2.1.2.Reading a Byte in Intel Mode Information provided in this section is intended as a functional description of how to write control information to the CS493XX. The system designer must insure that all of the timing constraints of the Intel Parallel Host Mode Read Cycle are met. The flow diagram shown in Figure 25 illustrates the sequence of events that define a one-byte read in Intel mode. The protocol presented in Figure 25 will now be described in detail. 1) The host must first drive the A1 and A0 register address pins of the CS493XX with the address of the desired Parallel I/O Register. Note that only the Host Message register and the Host Control register can be read. Host Message: A[1:0]==00b. Host Control: A[1:0]==01b. 2) The host now indicates that the selected register will be read. The host initiates a read cycle by driving the CS and RD pins low. 3) Once the data is valid, the host can read the value of the selected register from the DATA[7:0] pins of the CS493XX. ADDRESS A PARALLEL I/O REGISTER CS (LO W ) WRITE BYTE TO CS (HIGH) WR (LO W ) (A[1:0] SET APPROPRIATELY DATA [7:0] WR (HIGH) Figure 24. Intel Mode, One-Byte Write Flow Diagram Figure 25. Intel Mode, One-Byte Read Flow Diagram ADDRESS A PARALLEL I/O REGISTER CS (LO W ) READ BYTE FROM CS (HIGH) RD (LO W ) (A[1:0] SET APPROPRIATELY DATA [7:0] RD (HIGH) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |