Electronic Components Datasheet Search
  English  ▼

X  

CS493263-IL Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS493263-IL
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS493263-IL Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS493263-IL Datasheet HTML 48Page - Cirrus Logic CS493263-IL Datasheet HTML 49Page - Cirrus Logic CS493263-IL Datasheet HTML 50Page - Cirrus Logic CS493263-IL Datasheet HTML 51Page - Cirrus Logic CS493263-IL Datasheet HTML 52Page - Cirrus Logic CS493263-IL Datasheet HTML 53Page - Cirrus Logic CS493263-IL Datasheet HTML 54Page - Cirrus Logic CS493263-IL Datasheet HTML 55Page - Cirrus Logic CS493263-IL Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
CS49300 Family DSP
52
DS339PP4
8.
BOOT PROCEDURE & RESET
In this section the process of booting and
downloading to the CS493XX will be covered as
well as how to perform a soft reset. Host boot and
autoboot and reset are covered in this section.
8.1. Host Boot
A flow diagram of a typical serial download
sequence and a typical parallel download sequence
will
be
presented,
as
well
as
pseudocode
representing a download sequence from the
programmers perspective. The pseudocode is
written in a general sense where function calls are
made to Write_* and Read_*. The * can be
replaced by I2C or SPI for the serial download
sequence, and INTEL or MOTO for the parallel
download sequence, depending on the mode of host
communication.
For
each
case
the
general
download algorithm is the same.
The download and boot procedure is accomplished
with RESET (pin 36), and the communication pins
discussed in Section 6, “Control” on page 32. The
flow diagrams in Figure 33. Typical Serial Boot
and Download Procedure, and Figure 34. Typical
Parallel Boot and Download Procedure, illustrate
typical boot and download procedures. When
reading in serial mode, you must check that
INTREQ is low to start reading. Similarly, in
parallel mode you must check HOUTRDY.
Table 9 defines the boot write messages and
Table 10 defines the boot read messages in mne-
monic and actual hex value. These messages will
be used in the boot sequence.
Hardware configuration messages are used to
define the behavior of the DSP’s audio ports. A
more detailed description of the different hardware
configurations can be found in the Section 11,
“Hardware Configuration” on page 72.
The software configuration messages are specific
to each application. The application code user’s
guide for each application provides a list of all
pertinent configuration messages. Writing the
KICKSTART message to the CS493XX begins the
audio decode process. The KICKSTART message
will also be described in the user’s guide for each
application. Until the KICKSTART has been sent,
the decoder is in a wait state.
8.1.1. Serial Download Sequence
The following is a detailed description of a serial
download sequence for the CS493XX.
Note: When reading from the chip in a serial
communication mode, the host must wait for the
interrupt request (INTREQ) to fall before
starting the read cycle.
1) A download sequence is started when the host
issues a hard reset and holds the mode pins
appropriately (WR, RD, and PSEL).
2) The host should then send the boot message
DOWNLOAD_BOOT
(0x000004).
This
causes the CS493XX to initialize itself for
download.
3) If
the
initialization
was
successful
the
MNEMONIC
VALUE
SOFT_RESET
0x000001
RESERVED
0x000002
RESERVED
0x000003
DOWNLOAD_BOOT
0x000004
BOOT_SUCCESS_RECEIVED
0x000005
Table 9. Boot Write Messages
MNEMONIC
VALUE
BOOT_START
0x01
BOOT_SUCCESS
0x02
APPLICATION_FAILURE
0xF0
BOOT_ERROR
0xFA
INVALID_MSG
0xFB
BOOT_ERROR
0xFC
INIT_FAILURE
0xFD
INIT_FAILURE
0xFE
BAD_CHECKSUM
0xFF
Table 10. Boot Read Messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com