Electronic Components Datasheet Search
  English  ▼

X  

CPC1017N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1017N
Description  4 Pin SOP OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1017N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1017N Datasheet HTML 1Page - Clare, Inc. CPC1017N Datasheet HTML 2Page - Clare, Inc. CPC1017N Datasheet HTML 3Page - Clare, Inc. CPC1017N Datasheet HTML 4Page - Clare, Inc. CPC1017N Datasheet HTML 5Page - Clare, Inc. CPC1017N Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1017N
www.clare.com
3
R0A.1
CPC1017N
Typical LED Forward Voltage Drop
vs. Temperature
Temperature ( C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
10mA
5mA
o
CPC1017N
Typical Turn-Off vs. Temperature
(Load Current = 50mA)
Temperature ( C)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
o
I =5mA
F
I =2mA
F
CPC1017N
Typical Turn-On vs. Temperature
(Load Current = 50mA)
Temperature ( C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
o
I =5mA
F
I =2mA
F
CPC1017N
Typical Leakage vs. Temperature
(Measured across Pins 3 & 4) IL = max rated
Temperature ( C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
o
CPC1017N
Typical Load Current vs. Temperature
Temperature ( C)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
I =2mA
F
o
I =5mA
F
CPC1017N
Typical Turn-Off Time
(Ambient Temperature = 25 C)
(Load Current = 100mA; IF = 5mA)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off (ms)
25
20
15
10
5
0
o
CPC1017N
Typical Turn-On Time
(Ambient Temperature = 25 C)
(Load Current = 100mA; IF = 5mA)
1.0
1.2
1.4
1.6
1.1
1.3
1.5
Turn-On (ms)
25
20
15
10
5
0
o
CPC1017N
Typical IF for Switch Dropout
(Ambient Temperature = 25 C)
(Load Current = 100mA)
25
20
15
10
5
0
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
o
CPC1017N
Typical On-Resistance Distribution
(Ambient Temperature = 25 C)
(Load Current = 100mA)
35
30
25
20
15
10
5
0
On-Resistance (
Ω)
o
6.8
6.9
7.1
7.0
7.4
7.2
7.3
CPC1017N
Typical LED Forward Voltage Drop
(Ambient Temperature = 25 C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
o
PERFORMANCE DATA*
CPC1017N
Typical IF for Switch Operation
(Ambient Temperature = 25 C)
(Load Current = 100mA)
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
25
20
15
10
5
0
o
CPC1017N
Typical Turn-Off vs. Temperature
(Load Current = 50mA)
Temperature ( C)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
o
I =5mA
F
I =2mA
F
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com