Electronic Components Datasheet Search
  English  ▼

X  

CPC1017N Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1017N
Description  4 Pin SOP OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1017N Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1017N Datasheet HTML 1Page - Clare, Inc. CPC1017N Datasheet HTML 2Page - Clare, Inc. CPC1017N Datasheet HTML 3Page - Clare, Inc. CPC1017N Datasheet HTML 4Page - Clare, Inc. CPC1017N Datasheet HTML 5Page - Clare, Inc. CPC1017N Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPC1017N
www.clare.com
5
R0A.1
.20 ± .025
(.008 ± .001)
2.54 TYP.
(.100 TYP.)
2.16 MAX.
(.085)
1.02 ± .025
(.040 ± .001)
3.81 ± .08
(.150 ± .003)
6.096 ± .102
(.240 ± .004)
.38 x 45¼
(.015 x 45¼ )
.38 TYP.
(.015 TYP.)
4.09 ± 0.20
(0.161 ± 0.008)
.432 ± .127
(.017 ± .005)
Dimensions
mm
(inches)
MECHANICAL DIMENSIONS
4 Pin SOIC Narrow (“N” Suffix)
PC Board Pattern (Top View)
2.54
± 0.127
(0.100
± 0.005)
5.66
± 0.14
(0.223
± 0.005)
1.448
(0.057)
0.889
(0.035)
4.70 0.15
3.0 R
1.50
1.60
A
A
8.00
2.00 .05
+
_
4.00 .10
+
_
1.5 dia
5.50 .10
+
_
12.00
1.75
.30
.3 R MAX
TYP
2.30 0.15
SECTION A-A
Tape and Reel Packaging for 4 pin SOIC package
330.2 DiA
(13.00")
Top Cover
Tape Thickness
0.102 MAX
(0.004)
3.8
TYP
+
_
4.2
+
_
2.7 0.15
+
_
Embossment
Embossed
Carrier
6.50
0.15
+
_



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com