Electronic Components Datasheet Search
  English  ▼

X  

7P30 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7P30
Description  6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7P30 Datasheet(HTML) 2 Page - Unisonic Technologies

  7P30 Datasheet HTML 1Page - Unisonic Technologies 7P30 Datasheet HTML 2Page - Unisonic Technologies 7P30 Datasheet HTML 3Page - Unisonic Technologies 7P30 Datasheet HTML 4Page - Unisonic Technologies 7P30 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7P30
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-918.C
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-300
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
DC
ID(DC)
-6.0
A
Pulsed (Note 2)
ID(pulse)
-24
A
Single Avalanche Current (Note 3)
IAS
-6.0
A
Single Avalanche Energy (Note 3)
EAS
180
mJ
Power Dissipation
TC=25°C
PD1
35
W
TA=25°C
PD2
2.0
W
Channel Temperature
TCH
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pw≤10µs, Duty cycle≤1%.
3. Starting TCH=25°C, RG=25Ω, VGS=-20V→0.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Leakage Current
IDSS
VDS=-300V, VGS=0V
-1.0
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS= VGS, ID=-250μA
-2.0
-4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-3.0A
1
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-10V, f=1.0MHz
1040
pF
Output Capacitance
COSS
360
pF
Reverse Transfer Capacitance
CRSS
70
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=-10V, VDD=-200V, ID=-6.0A
23.1
nC
Gate to Source Charge
QGS
7.1
nC
Gate to Drain Charge
QGD
12.9
nC
Turn-ON Delay Time
tD(ON)
VDD=-125V, VGS(ON)=-10V,
ID=-3.0A, RG=10Ω, RL=42Ω
24
ns
Rise Time
tR
16
ns
Turn-OFF Delay Time
tD(OFF)
47
ns
Fall-Time
tF
14
ns
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IF=-6.0A, VGS=0V
3.4
V
Body Diode Reverse Recovery Time
tRR
IF=-6.0A, VGS=0V, di/dt=50A/µs
155
ns
Body Diode Reverse Recovery Charge
QRR
930
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com