Electronic Components Datasheet Search
  English  ▼

X  

7P30 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7P30
Description  6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7P30 Datasheet(HTML) 4 Page - Unisonic Technologies

  7P30 Datasheet HTML 1Page - Unisonic Technologies 7P30 Datasheet HTML 2Page - Unisonic Technologies 7P30 Datasheet HTML 3Page - Unisonic Technologies 7P30 Datasheet HTML 4Page - Unisonic Technologies 7P30 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7P30
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-918.C
TYPICAL CHARACTERISTICS
6
5
4
3
2
1
0
0
1
2
3
4
5
6
Souce to Drain Voltage,-VSD (V)
Drain Current vs. Souce to Drain Voltage
7
0
0.5
1
2
1
1.5
2
2.5
3
3.5
Drain to Source Voltage, -VDS(V)
0
3
4
Drain-Souce On-State Resistance
Characteristics
100
10-1
101
101
102
100
Notes:
1.TC=25°C
2.TJ=150°C
3.Single
Pulse
Maximum Safe Operating Area
Drain-Source Voltage, -VDS (V)
1ms
DC
100µs
Operation in this Area is United by RDM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com