Electronic Components Datasheet Search
  English  ▼

X  

UFP264 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UFP264
Description  38A, 250V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFP264 Datasheet(HTML) 1 Page - Unisonic Technologies

  UFP264 Datasheet HTML 1Page - Unisonic Technologies UFP264 Datasheet HTML 2Page - Unisonic Technologies UFP264 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UFP264
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-813.B
38A, 250V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UFP264 is an N-channel power MOSFET using UTC’s
advanced technology to provide the customers with perfect RDS(ON),
high switching speed, high current capacity and low gate charge.
The UTC UFP264 is suitable for motor control, AC-DC or DC-DC
converters and audio amplifiers, etc.
FEATURES
* RDS(ON)<75mΩ @ VGS=10V,ID=38A
* High Switching Speed
* High Current Capacity
* Low Gate Charge(typical 130nC)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UFP264L-T47-T
UFP264G-T47-T
TO-247
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UFP264

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UFP20C FCI-UFP20C Datasheet
1Mb / 2P
60 Amp Dual Super Fast Power Rectifiers Outline Free Pb
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
UFP254G-TF2-T UTC-UFP254G-TF2-T Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
UFP254L-TF2-T UTC-UFP254L-TF2-T Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - UFP264

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET™ POWER MOSFET
Aug-2000
logo
International Rectifier
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDMS36101L_F085 FAIRCHILD-FDMS36101L_F085 Datasheet
421Kb / 6P
N-Channel Power Trench MOSFET 100V, 38A, 26m
logo
Unisonic Technologies
12N25 UTC-12N25 Datasheet
194Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
250V N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
40N06B KIA-40N06B Datasheet
196Kb / 5P
38A竊?0V N-CHANNEL MOSFET
logo
Shindengen Electric Mfg...
P38LF6QL SHINDENGEN-P38LF6QL Datasheet
470Kb / 4P
Power MOSFETs 60V, 38A, N-channel
P38LF6QLK SHINDENGEN-P38LF6QLK Datasheet
1Mb / 7P
Power MOSFETs 60V, 38A, N-channel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com