Electronic Components Datasheet Search
  English  ▼

X  

CPC1230 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1230
Description  4 Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1230 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1230 Datasheet HTML 1Page - Clare, Inc. CPC1230 Datasheet HTML 2Page - Clare, Inc. CPC1230 Datasheet HTML 3Page - Clare, Inc. CPC1230 Datasheet HTML 4Page - Clare, Inc. CPC1230 Datasheet HTML 5Page - Clare, Inc. CPC1230 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
CPC1230N
DS-CPC1230N-R2
The CPC1230N is a miniature 1-Form-A solid state relay
in a 4 pin SOP package that employs optically coupled
MOSFET technology to provide 1500V of input to output
isolation and is BSI certified for supplemental insulation in
accordance with EN60950. The efficient MOSFET switch-
es and photovoltaic die use Clare’s patented OptoMOS®
architecture. The optically coupled input is controlled by a
highly efficient GaAIAs infrared LED. The CPC1230N
uses Clare’s state of the art double molded vertical con-
struction packaging to produce the world’s smallest 4 pin
relay. The CPC1230N offers board space savings of at
least 20% over the competitor’s larger 4 pin SOP relay.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL/C-UL Recognized Component
File #: E76270
• BSI Certified - Certificate #: 8416
(Supplementary Isolation Requirement of EN60950)
• Small 4 Pin SOP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• Supplemental Isolation
• FCC Compatible
• 1500VRMS Input/Output Isolation
• 0.4mm Distance Through Insulation
• FCC Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available
Applications
Features
Description
Approvals
4 Pin SOP OptoMOS® Relay
Ordering Information
Part #
Description
CPC1230N
4 Pin SOP (100/tube)
CPC1230NTR 4 Pin SOP (2,000/reel)
CPC1230
Units
Load Voltage
350
V
Load Current
120
mA
Max R
ON
30
Ω
Pin Configuration
1
2
3
4
+ Control
Ð Control
Load
Load
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Switching Characteristics of
Normally Open (Form A) Devices
CPC1030N Pinout


Similar Part No. - CPC1230

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1230NTR CLARE-CPC1230NTR Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1230NTR IXYS-CPC1230NTR Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1230

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com