Electronic Components Datasheet Search
  English  ▼

X  

CPC1230 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1230
Description  4 Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1230 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1230 Datasheet HTML 1Page - Clare, Inc. CPC1230 Datasheet HTML 2Page - Clare, Inc. CPC1230 Datasheet HTML 3Page - Clare, Inc. CPC1230 Datasheet HTML 4Page - Clare, Inc. CPC1230 Datasheet HTML 5Page - Clare, Inc. CPC1230 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1230N
Rev. 2
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
CPC1230N
Typical LED Forward Voltage Drop
vs. Temperature
Temperature ( C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
o
CPC1230N
Typical Turn-On vs. LED Forward Current
(Load Current = 120mA)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
CPC1030N
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
CPC1230N
Typical On-Resistance vs. Temperature
(Load Current = 80mA; IF = 10mA)
Temperature ( C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
o
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
CPC1230N
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25 C)
IF = 5mA
o
CPC1230N
Energy Rating Curve
Time
10µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100µs
100ms 1s
10ms
10s 100s
CPC1230N
Typical IF for Switch Operation
vs. Temperature
(Load Current = 80mA)
Temperature ( C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
o
CPC1230N
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 80mA)
Temperature ( C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com