Electronic Components Datasheet Search
  English  ▼

X  

ES111 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ES111
Description  Electro-Wash짰 NX New & Improved! Cleaner Degreaser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES111 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ES111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Material
Compatibility
Buna-N
Not Recommended
Graphite
Good
HDPE
Good
Kynar
™
Poor
LDPE
Good
Lexan
™
Not Recommended
Neoprene
Poor
Noryl
®
Poor
Cross-Linked PE
Good
Polyacrylate
Not Recommended
Polystyrene
Not Recommended
PVC
Poor
Silicone Rubber
Not Recommended
Teflon
™
Good
Viton
™
Poor
Performance
Grease Removal per gram solvent (mg)
Electro-Wash NX
New & Improved!
14.06
HFC-based Cleaner
0.50.5
Grease & Lubricating Oil Removal per gram
solvent (mg)
Electro-Wash NX
New & Improved!
22.123.
823.8
HFC-based Cleaner
0.50.5
USAGE INSTRUCTIONS
For commercial use only.
Read MSDS carefully prior to use.
Spray 4-6 inches from surface to clean. Wash
parts from top to bottom, allowing the liquid to
flush away dirt and dissolved grease.
For
precise application use attached extension tube.
AVAILABILITY
ES1611 12 oz. Aerosol
ES2211 18 oz. Aerosol
ES111
1 gallon Liquid
ENVIRONMENTAL IMPACT DATA
HCFC-141b
HCFC-225
None
Yes
HFC
nPB
Yes
None
Hydrochlorofluorocarbons (HCFCs) are regulated under the Montreal Protocol
as Class II ozone depleting substances. HCFC-141b is no longer produced in
the US under this legislation. HCFC-225 is planned for production phase-out
in 2015. Hydrofluorocarbons (HFCs) are not currently regulated.
EPA has listed n-propyl bromide (nPB) as an acceptable alternative to ozone
depleting substances in metal, precision, and electronics cleaning under Section
612 of the Clean Air Act.
NOTE:
This information is believed to be accurate. It is
intended for professional end users having the skills
to evaluate and use the data properly.
ITW
CHEMTRONICS
®
does not guarantee the accuracy
of the data and assumes no liability in connection
with damages incurred while using it.
Chemtronics
® and Electro-Wash® are registered trademarks
of ITW Chemtronics. All rights reserved.
All other trademarks herein are trademarks or registered
trademarks of their respective owners.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com