Electronic Components Datasheet Search
  English  ▼

X  

ES111 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES111
Description  Electro-Wash짰 NX New & Improved! Cleaner Degreaser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES111 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDS# 1611
PRODUCT DESCRIPTION
Electro-Wash
®
NX
New
&
Improved!
Cleaner Degreaser is an extra strength,
nonflammable
electronics
cleaner
and
degreaser.
This high pressure aerosol
cleaning
agent
quickly
removes
oxide
particles, dust, oil and grease – evaporating
quickly without leaving residue.
Noncorrosive safe for metals
Nonflammable
Fast drying
Removes oil, grease, dirt, silicone, flux,
adhesive and other contaminants
Contains no CFCs; contains HCFCs
May be used on energized equipment
Available with All-Way Spray valve
TYPICAL APPLICATIONS
Electro-Wash
®
NX New & Improved!
Cleaner Degreaser is engineered for
cleaning:
Circuit Breakers
Motors and Generators
Plugs and Sockets
Potentiometers
Relays and Contacts
Selector Switches
Solenoids
Switching Devices
CHEMTRONICS
®
Technical Data Sheet
Electro-Wash
®
NX New & Improved!
Cleaner Degreaser
TYPICAL PRODUCT DATA AND
PHYSICAL PROPERTIES
Boiling Point
>99
°F Initial
Evaporation Rate (butyl acetate=1)
>1
Flash Point (TCC)
None
Specific Gravity
1.47
Vapor Pressure @68
°F
209 mm Hg
Odor
Ethereal
Solubility in Water
Negligible
Kauri-Butanol (KB) Number
56
VOC* Content:
Aerosol
Liquid
CARB
73%
100 %
SCAQMD
68 g/L
1108 g/L
Federal
4.6%
86
%
RoHS Compliant
Shelflife
Aerosols
5 years
Liquids
2 years after opening
*Volatile Organic Compound (VOC) information is calculated on a
weight basis using the VOC definition of California Air Resources
Board (CARB) Consumer Product Regulations, South Coast Air
Quality Management District (SCAQMD) Rule 102 and the Federal
definition published in 40 CFR 51.100(s).
COMPATIBILITY
Electro-Wash
®
NX
New
&
Improved!
Cleaner Degreaser is generally compatible
with most materials used in printed circuit
board fabrication, except acrylics, ABS
resins,
polycarbonates
and
polystyrenes.
With any cleaning agent solvent/component
compatibility must be determined on a non-
critical area prior to use


Similar Part No. - ES111

ManufacturerPart #DatasheetDescription
logo
SICK AG
ES11-SA1A4 SICK-ES11-SA1A4 Datasheet
1Mb / 7P
SAFETY COMMAND DEVICES
ES11-SA2B8 SICK-ES11-SA2B8 Datasheet
1Mb / 8P
SAFETY COMMAND DEVICES
ES11-SC4D8 SICK-ES11-SC4D8 Datasheet
1Mb / 8P
SAFETY COMMAND DEVICES
logo
Honeywell Solid State E...
ES110 HONEYWELL-ES110 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Copal Electronics
ES115A10-Z COPAL-ES115A10-Z Datasheet
825Kb / 2P
Miniature Slide Switches
More results

Similar Description - ES111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
SOLDER PASTES/CLEANER
logo
Littelfuse
SL1026 LITTELFUSE-SL1026 Datasheet
70Kb / 1P
New Improved Littelfuse 1026 maximum duty arrester series
logo
NTE Electronics
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
ECG Electronics Degreaser
RX201-16 NTE-RX201-16 Datasheet
120Kb / 7P
ECG Electronics Degreaser & Wash
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
ECG Cleaner/Lubricant
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
A New PSPICE Electro-Thermal Subcircuit
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
A New PSPICE Electro-Thermal Subcircuit
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
Click Cleaner
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com