Electronic Components Datasheet Search
  English  ▼

X  

IAB110P Datasheet(PDF) 3 Page - Clare, Inc.

Part # IAB110P
Description  Integrated Telecom Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAB110P Datasheet(HTML) 3 Page - Clare, Inc.

  IAB110P Datasheet HTML 1Page - Clare, Inc. IAB110P Datasheet HTML 2Page - Clare, Inc. IAB110P Datasheet HTML 3Page - Clare, Inc. IAB110P Datasheet HTML 4Page - Clare, Inc. IAB110P Datasheet HTML 5Page - Clare, Inc. IAB110P Datasheet HTML 6Page - Clare, Inc. IAB110P Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IAB110P
Rev. 2
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
IAB110P
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
IAB110P - FormA
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC, IF=5mADC)
35
30
25
20
15
10
5
0
18.75
20.95
23.15
25.35
19.85
22.05
24.25
On-Resistance (
Ω)
IAB110P - FormB
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC, IF=5mADC)
25
20
15
10
5
0
25.5
27.5
29.5
31.5
26.5
28.5
30.5
On-Resistance (
Ω)
IAB110P - FormA
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
IAB110P - FormB
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
357.5
387.5
417.5
443.5
372.5
402.5
432.5
Blocking Voltage (V)
IAB110P - FormA
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
377.5
399.5
421.5
443.5
388.5
410.5
432.5
Blocking Voltage (V)
IAB110P - FormB
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.33
0.77
1.21
1.65
0.55
0.99
1.43
LED Current (mA)
IAB110P - FormA
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
IAB110P - FormB
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.33
0.77
1.21
0.11
0.55
0.99
1.43
LED Current (mA)
IAB110P - FormA
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.3
1.5
2.7
3.9
0.6
2.1
3.3
Turn-On (ms)
25
20
15
10
5
0
IAB110P - FormB
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.09
0.45
0.81
1.17
0.27
0.63
0.99
Turn-On (ms)
25
20
15
10
5
0
IAB110P - FormA
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.05
0.25
0.45
0.65
0.55
0.35
0.15
Turn-Off (ms)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com