Electronic Components Datasheet Search
  English  ▼

X  

IAB110P Datasheet(PDF) 5 Page - Clare, Inc.

Part # IAB110P
Description  Integrated Telecom Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAB110P Datasheet(HTML) 5 Page - Clare, Inc.

  IAB110P Datasheet HTML 1Page - Clare, Inc. IAB110P Datasheet HTML 2Page - Clare, Inc. IAB110P Datasheet HTML 3Page - Clare, Inc. IAB110P Datasheet HTML 4Page - Clare, Inc. IAB110P Datasheet HTML 5Page - Clare, Inc. IAB110P Datasheet HTML 6Page - Clare, Inc. IAB110P Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IAB110P
www.clare.com
5
Rev. 2
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
IAB110P - FormB
Typical Turn-On vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50
IAB110P - FormA
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
IAB110P - FormB
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
IAB110P - FormA
Typical On-Resistance vs. Temperature
(Load Current = 100mADC; IF= 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
IAB110P - FormB
Typical On-Resistance vs. Temperature
(Load Current = 100mADC; IF= 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
IAB110P - FormA
Typical IF for Switch Operation vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IAB110P - FormB
Typical IF for Switch Operation vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IAB110P - FormA
Typical IF for Switch Dropout vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IAB110P - FormB
Typical IF for Switch Dropout vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IAB110P - FormA
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 5mADC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-2.5 -2
-1 -0.5
-1.5
0
1
1.5
0.5
2
2.5
IAB110P - FormB
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 5mADC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-5
-4
-2
-1
-3
0
2
3
14
5
IAB110P
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com