Electronic Components Datasheet Search
  English  ▼

X  

BTB40 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTB40
Description  40A STANDARD TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB40 Datasheet(HTML) 1 Page - Unisonic Technologies

  BTB40 Datasheet HTML 1Page - Unisonic Technologies BTB40 Datasheet HTML 2Page - Unisonic Technologies BTB40 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB40
Preliminary
TRIACS
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
VER.a
40A STANDARD TRIAC
DESCRIPTION
The UTC BTB40 is a 40A standard triac, it uses UTC’s advanced
technology to provide customers with low thermal resistance with clip
bonding and high commutation capability, etc.
The UTC BTB40 is suitable for general purpose AC switching,
heating regulation and on/off function in static relays, etc.
FEATURES
* Low thermal resistance with clip bonding
* High current capability
* High commutation capability
SYMBOL
MT2
MT1
G
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB40L-x-xx-T3P-T
BTB40G-x-xx-T3P-T
TO-3P
MT1
MT2
G
Tube
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
B
◎
◎
50mA
STANDARD
◎
: Available


Similar Part No. - BTB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
95Kb / 7P
40A TRIACS
14-Oct-2005
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
More results

Similar Description - BTB40

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
logo
Apollo Electron Co., Lt...
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
Standard Triac
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
40A STANDARD TRIAC
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
40A STANDARD TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com