Electronic Components Datasheet Search
  English  ▼

X  

IAD170P Datasheet(PDF) 1 Page - Clare, Inc.

Part # IAD170P
Description  Integrated Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD170P Datasheet(HTML) 1 Page - Clare, Inc.

  IAD170P Datasheet HTML 1Page - Clare, Inc. IAD170P Datasheet HTML 2Page - Clare, Inc. IAD170P Datasheet HTML 3Page - Clare, Inc. IAD170P Datasheet HTML 4Page - Clare, Inc. IAD170P Datasheet HTML 5Page - Clare, Inc. IAD170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
IAD170P
DS-IAD170P-R1
The IAD170P multifunction switch combines 350V,
100mA, 50
Ω relay(s) and optocoupler(s) into a single
package. Various combinations are available depending
on the part number. This switch provides an ideal way to
consolidate functionality into a single package.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Tape & Reel Versions Available
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-12
• VDE Compatible
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7969
• BS EN 41003:1993
Certificate #:7969
• Three Functions in One Package
• Small 16 Pin SOIC Package (PCMCIA Compatible)
• Bi-Directional Current Sensing
• Bi-Directional Current Switching
• Replaces up to Three or Four Components
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
Features
Description
Approvals
Integrated Circuits
Ordering Information
Part #
Description
IAD170P
16 Pin SOIC (50/Tube)
IAD170PTR
16 Pin SOIC (1000/Reel)
IAD170P
Units
Load Voltage
350
V
Load Current
100
mA
Max R
ON
50
Ω
Pin Configuration
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
IAD170P Pinout
1. (N/C)
2. + LED - Relay Input
3. – LED - Relay Input
4. Emitter - Phototransistor #1
5. Collector - Phototransistor #1
6. Emitter - Phototransistor #2
7. Collector - Phototransistor #2
8. (N/C)
9. LED - Phototransistor +/– #2
10. LED - Phototransistor –/+ #2
11. LED - Phototransistor +/– #1
12. LED - Phototransistor –/+ #1
13. (N/C)
14. Output - Relay
15. Common - Relay
16. Output - Relay
(N/C)
(N/C)
(Form A)
(N/C)


Similar Part No. - IAD170P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
Integrated Telecom Circuits
logo
IXYS Corporation
IAD110P IXYS-IAD110P Datasheet
122Kb / 7P
Integrated Telecom Circuits
logo
Clare, Inc.
IAD110PR CLARE-IAD110PR Datasheet
399Kb / 6P
Integrated Telecom Circuits
logo
IXYS Corporation
IAD110PTR IXYS-IAD110PTR Datasheet
122Kb / 7P
Integrated Telecom Circuits
IAD110P IXYS-IAD110P_12 Datasheet
122Kb / 7P
Integrated Telecom Circuits
More results

Similar Description - IAD170P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAA170P CLARE-IAA170P Datasheet
92Kb / 6P
Integrated Circuits
logo
NXP Semiconductors
CBT6832 PHILIPS-CBT6832 Datasheet
59Kb / 8P
INTEGRATED CIRCUITS
2000 Jul 18
logo
List of Unclassifed Man...
MC660L ETC-MC660L Datasheet
557Kb / 8P
INTEGRATED CIRCUITS
LC93300A ETC1-LC93300A Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
logo
Motorola, Inc
MC853 MOTOROLA-MC853 Datasheet
665Kb / 9P
INTEGRATED CIRCUITS
logo
IXYS Corporation
IAA110P IXYS-IAA110P_12 Datasheet
118Kb / 6P
Integrated Telecom Circuits
IAD110P IXYS-IAD110P_12 Datasheet
122Kb / 7P
Integrated Telecom Circuits
logo
Kwazar-IS
140UD25A KWAZAR-140UD25A Datasheet
1Mb / 2P
Integrated circuits
140UD26A KWAZAR-140UD26A Datasheet
185Kb / 2P
Integrated circuits
525PC2A KWAZAR-525PC2A Datasheet
189Kb / 2P
Integrated circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com