Electronic Components Datasheet Search
  English  ▼

X  

IAD170P Datasheet(PDF) 4 Page - Clare, Inc.

Part # IAD170P
Description  Integrated Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAD170P Datasheet(HTML) 4 Page - Clare, Inc.

  IAD170P Datasheet HTML 1Page - Clare, Inc. IAD170P Datasheet HTML 2Page - Clare, Inc. IAD170P Datasheet HTML 3Page - Clare, Inc. IAD170P Datasheet HTML 4Page - Clare, Inc. IAD170P Datasheet HTML 5Page - Clare, Inc. IAD170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
IAD170P
Rev. 1
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
IAD170P
Typical On-Resistance vs. Temperature
(Load Current = 100mADC; IF = 5mADC)
Temperature (
°C)
-40
70
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
120
IAD170P
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
IAD170P
Typical Turn-On vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
IAD170P
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
IAD170P
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
120
IAD170P
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
120
IAD170P
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-3
-4
-2
-1
0
1
2
3
4
IAD170P
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
IAD170P
Typical Collector Current vs Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0
IAD170P
Typical Normalized CTR vs Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
IAD170P
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com