Electronic Components Datasheet Search
  English  ▼

X  

LAA110STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LAA110STR
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110STR Datasheet(HTML) 1 Page - Clare, Inc.

  LAA110STR Datasheet HTML 1Page - Clare, Inc. LAA110STR Datasheet HTML 2Page - Clare, Inc. LAA110STR Datasheet HTML 3Page - Clare, Inc. LAA110STR Datasheet HTML 4Page - Clare, Inc. LAA110STR Datasheet HTML 5Page - Clare, Inc. LAA110STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
LAA110
DS-LAA110-R7
LAA110 is a Dual 1 Form-A solid state relay that has two
independently controlled optically coupled MOSFETs. The
efficient MOSFET switches and photovoltaic die use
Clare’s patented OptoMOS® architecture to provide 3750
V
RMS of input to output isolation. The optically coupled
inputs are controlled by highly efficient GaAIAs infrared
LEDs. Dual pole OptoMOS relays provide a more compact
design solution than discrete single pole relays in a variety
of applications. The dual pole relays save board space by
incorporating both relays in a single 8-pin package.
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified to:
• BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
• BS EN 41003:1993
Certificate #: 7344
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
Dual Pole OptoMOS® Relays
Ordering Information
Part #
Description
LAA110
8 Pin DIP (50/Tube)
LAA110P
8 Pin Flatpack (50/Tube)
LAA110PTR
8 Pin Flatpack (1000/Reel)
LAA110S
8 Pin Surface Mount (50/Tube)
LAA110STR
8 Pin Surface Mount (1000/Reel)
LAA110
Units
Load Voltage
350
V
Load Current
120
mA
Max R
ON
35
Ω
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
8
7
6
5
+ Control - Switch #1
Ð Control - Switch #1
+ Control - Switch #2
Ð Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
LAA110 Pinout
Switching Charcteristics of
Normally Open (Form A) Devices


Similar Part No. - LAA110STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA110STR IXYS-LAA110STR Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - LAA110STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com