Electronic Components Datasheet Search
  English  ▼

X  

LAA110STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LAA110STR
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110STR Datasheet(HTML) 4 Page - Clare, Inc.

  LAA110STR Datasheet HTML 1Page - Clare, Inc. LAA110STR Datasheet HTML 2Page - Clare, Inc. LAA110STR Datasheet HTML 3Page - Clare, Inc. LAA110STR Datasheet HTML 4Page - Clare, Inc. LAA110STR Datasheet HTML 5Page - Clare, Inc. LAA110STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LAA110
Rev. 7
PERFORMANCE DATA*
LAA110
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
10mA
5mA
LAA110
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
LAA110
Typical Turn-Off vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
LAA110
Typical On-Resistance vs. Temperature
(Load Current = Max Rated at Temperature)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Single Pole
Dual Pole
5mA
10mA
5mA
10mA
LAA110
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA110
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA110
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
(IF = 5mADC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
LAA110
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
LAA110
Typical On-Resistance vs. Temperature
(Load current = 50mADC Instantaneous)
(I
F = 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com