Electronic Components Datasheet Search
  English  ▼

X  

LCA210STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA210STR
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA210STR Datasheet(HTML) 3 Page - Clare, Inc.

  LCA210STR Datasheet HTML 1Page - Clare, Inc. LCA210STR Datasheet HTML 2Page - Clare, Inc. LCA210STR Datasheet HTML 3Page - Clare, Inc. LCA210STR Datasheet HTML 4Page - Clare, Inc. LCA210STR Datasheet HTML 5Page - Clare, Inc. LCA210STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCA210
www.clare.com
Rev. 7
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LCA210
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 8mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCA210
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC) IF=8mA
!#
!
#

#

#

On-Resistance (
Ω)
22.9
23.3
23.7
24.1
24.5
24.9
25.3
LCA210
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
420
430
440
450
425
435
445
Blocking Voltage (V)
LCA210
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC
25
20
15
10
5
0
LED Current (mA)
)
1.30
2.34
3.38
0.78
1.82
2.86
3.9
LCA210
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC)
1.30
2.34
3.38
0.78
1.82
2.86
3.9
LED Current (mA)
25
20
15
10
5
0
LCA210
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC; IF = 8mADC)
0.6
0.8
1.0
1.2
0.7
.9
1.1
Turn-On (ms)
25
20
15
10
5
0
LCA210
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC; IF = 8mADC)
0.0
0.2
0.4
0.6
0.5
0.3
0.1
Turn-Off (ms)
25
20
15
10
5
0
LCA210
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40 -20
0
20
40
60
80
120
100
16mA
8mA
LCA210
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LCA210
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
LCA210
Typical Turn-On vs. Temperature
(Load Current = 40mADC)
Temperature (
°C)
8mA
16mA
32mA
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA210
Typical Turn-Off vs. Temperature
(Load Current = 40mADC)
Temperature (
°C)
-40
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
8mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com