Electronic Components Datasheet Search
  English  ▼

X  

LCA210STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCA210STR
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA210STR Datasheet(HTML) 4 Page - Clare, Inc.

  LCA210STR Datasheet HTML 1Page - Clare, Inc. LCA210STR Datasheet HTML 2Page - Clare, Inc. LCA210STR Datasheet HTML 3Page - Clare, Inc. LCA210STR Datasheet HTML 4Page - Clare, Inc. LCA210STR Datasheet HTML 5Page - Clare, Inc. LCA210STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA210
Rev. 7
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA210
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
LCA210
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
5 10 15 20 25 30 35 40 45
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50 55
LCA210
Typical Turn-Off vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
5 10 15 20 25 30 35 40 45
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50 55
LCA210
Typical On-Resistance vs. Temperature
(Load Current = Max Rated at Temperature)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
8mA
16mA
LCA210
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
LCA210
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
LCA210
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 8mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
LCA210
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com