Electronic Components Datasheet Search
  English  ▼

X  

ACS108 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS108
Description  Overvoltage protected AC switch (ACS??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACS108 Datasheet HTML 2Page - STMicroelectronics ACS108 Datasheet HTML 3Page - STMicroelectronics ACS108 Datasheet HTML 4Page - STMicroelectronics ACS108 Datasheet HTML 5Page - STMicroelectronics ACS108 Datasheet HTML 6Page - STMicroelectronics ACS108 Datasheet HTML 7Page - STMicroelectronics ACS108 Datasheet HTML 8Page - STMicroelectronics ACS108 Datasheet HTML 9Page - STMicroelectronics ACS108 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Alternating current mains switch - basic application
ACS108
6/13
DocID6518 Rev 5
2
Alternating current mains switch - basic application
The ACS108 switch is triggered by a negative gate current flowing from the gate pin G. The
switch can be driven directly by the digital controller through a resistor as shown in
Figure 16.
Thanks to its overvoltage protection and turn-off commutation performance, the ACS108
switch can drive a small power high inductive load with neither varistor nor additional turn-off
snubber.
Figure 16. Typical application schematic
2.1
Protection against overvoltage: the best choice is ACS
In comparison with standard Triacs the ACS108 is over-voltage self-protected, as specified
by the new parameter VCL. This feature is useful in two operating conditions: in case of turn-
off of very inductive load, and in case of surge voltage that can occur on the electrical
network.
2.1.1
High inductive load switch-off: turn-off overvoltage clamping
With high inductive and low rms current loads the rate of decrease of the current is very low.
An overvoltage can occur when the gate current is removed and the OUT current is lower
than IH.
As shown in Figure 17, at the end of the last conduction half-cycle, the load current
decreases
① . The load current reaches the holding current level I
H ② , and the ACS turns
off
③ . The water valve, as an inductive load (up to 15 H), reacts as a current generator and
an overvoltage is created, which is clamped by the ACS
④ . The current flows through the
ACS avalanche and decreases linearly to zero. During this time, the voltage across the
switch is limited to the clamping voltage VCL. The energy stored in the inductance of the
load is dissipated in the clamping section that is designed for this purpose. When the energy
has been dissipated, the ACS voltage falls back to the mains voltage value (230 V rms,
50 Hz)
⑤ .
AC Mains
ACS108
Valve
Power supply
MCU
Vdd
Vss
Rg
220
Ω
IT
VT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com