Electronic Components Datasheet Search
  English  ▼

X  

ACS108 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACS108
Description  Overvoltage protected AC switch (ACS??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108 Datasheet(HTML) 1 Page - STMicroelectronics

  ACS108 Datasheet HTML 1Page - STMicroelectronics ACS108 Datasheet HTML 2Page - STMicroelectronics ACS108 Datasheet HTML 3Page - STMicroelectronics ACS108 Datasheet HTML 4Page - STMicroelectronics ACS108 Datasheet HTML 5Page - STMicroelectronics ACS108 Datasheet HTML 6Page - STMicroelectronics ACS108 Datasheet HTML 7Page - STMicroelectronics ACS108 Datasheet HTML 8Page - STMicroelectronics ACS108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
October 2013
DocID6518 Rev 5
1/13
ACS108
Overvoltage protected AC switch (ACS™)
Datasheet
- production data
Features
 Enables equipment to meet IEC 61000-4-5
surge with overvoltage crowbar technology
 High noise immunity against static dV/dt and
IEC 61000-4-4 burst
 Needs no external protection snubber or
varistor
 Reduces component count by up to 80% and
Interfaces directly with the micro-controller
 Common package tab connection supports
connection of several alternating current
switches on the same cooling pad
 V
CL gives headroom before clamping then
crowbar action
Applications
 Alternating current on/off static switching in
appliances and industrial control systems
 Driving low power high inductive or resistive
loads like:
– relay, valve, solenoid, dispenser,
– pump, fan, low power motor, door lock
–lamp
Description
The ACS108 belongs to the AC switch range
(built with A. S. D.® technology). This high
performance switch can control a load of up to 0.8
A. The ACS108 switch includes an overvoltage
crowbar structure to absorb the inductive turn-off
energy, and a gate level shifter driver to separate
the digital controller from the main switch. It is
triggered with a negative gate current flowing out
of the gate pin.
Figure 1. Functional diagram
®: A.S.D. is a registered trademark of STMicroelectronics
TM: ACS is a trademark of STMicroelectronics
COM
OUT
COM
G
COM
OUT
G
SOT-223
ACS108-6SN
ACS108-8SN
TO-92
ACS108-6SA
ACS108-8SA
Table 1. Device summary
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM, VRRM
600 and 800
V
IGT
10
mA
OUT
COM
G
COM
Common drive reference to connect
to the mains
OUT
Output to connect to the load.
G
Gate input to connect to the controller
through gate resistor
www.st.com


Similar Part No. - ACS108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS108-5SA-TR STMICROELECTRONICS-ACS108-5SA-TR Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS108-5SA-TR STMICROELECTRONICS-ACS108-5SA-TR Datasheet
126Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS108-5SN STMICROELECTRONICS-ACS108-5SN Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
More results

Similar Description - ACS108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACS108-6SUF-TR STMICROELECTRONICS-ACS108-6SUF-TR Datasheet
251Kb / 12P
Overvoltage protected AC switch (ACS??
12-Jun-2012
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
Overvoltage protected AC switch
10-Jul-2015
ACS108-8SUN STMICROELECTRONICS-ACS108-8SUN Datasheet
369Kb / 12P
Overvoltage protected AC switch (ACS??
July 2014 Rev 1
ACS108-8SA STMICROELECTRONICS-ACS108-8SA Datasheet
290Kb / 13P
0.8 A - 800 V overvoltage protected AC switch (ACS™)
25-Feb-2019
ACS120 STMICROELECTRONICS-ACS120 Datasheet
477Kb / 17P
Overvoltage protected AC switch (ACS)
24-Mar-2022
ACS108-6SN STMICROELECTRONICS-ACS108-6SN Datasheet
296Kb / 14P
0.8 A - 600 V overvoltage protected AC switch (ACS™)
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com