Electronic Components Datasheet Search
  English  ▼

X  

LIA101 Datasheet(PDF) 2 Page - Clare, Inc.

Part # LIA101
Description  Linear Isolation Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA101 Datasheet(HTML) 2 Page - Clare, Inc.

  LIA101 Datasheet HTML 1Page - Clare, Inc. LIA101 Datasheet HTML 2Page - Clare, Inc. LIA101 Datasheet HTML 3Page - Clare, Inc. LIA101 Datasheet HTML 4Page - Clare, Inc. LIA101 Datasheet HTML 5Page - Clare, Inc. LIA101 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
LIA101
Rev. X
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Supply Voltages
± 5
-
±18
V
Differential Input Voltage
-
-
± 30
V
Output Short Circuit Duration
Continuous
-
Total Package Dissipation
-
-
11
W
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Above 25°C Derate Linearly 1.67mW/°C
Electrical Characteristics @ TA = +25°C and
±VCC = 15VDC (unless otherwise specified)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Isolation
Continuous Voltage, AC
-
-
-
3750
V
RMS
Input to Output Leakage Current
1000V
RMS, 60Hz
-
0.2
-
µA
RMS
Offset Voltage
Output Offset Voltage (VOS)
R
F=RIN=51KΩ, K3=1.000
-
50
-
mV
Input Grounded T
A=25°C
Amplifier Input Impedance
-
-
1012 || 3
-
Ω || pF
∆VOS/∆T Average TC of Input
Offset Voltage
R
S=50Ω
-5
-
µV/°C
(Input and Output Stage)
Common Mode Rejection Ratio, CMRR
60Hz, R
F=1MΩ
-
100
-
dB
R
IN=10KΩ, Gain=100
Input Offset Voltage
R
S=50Ω, TA=25°C
-
3
10
mV
Common Mode Range
±12
-
-
V
Frequency Response
Bandwidth
-
-
40
-
kHz
Slew Rate
0-10V Step Input
-
0.3
-
V/µs
Non-Linearity
F
O=300Hz, -10dBm
-
-
0.01
%
Power Supplies
Input Stage Supply Voltage VCC1, VEE1
-
±5
-
±18
V
Output Stage Supply Voltage VCC2, VEE2
-
±5
-
±18
V
Input (A1) & Output Stage (A2) Supply Current
-
-
5
10
mA
Power Supply Rejection Ratio, PSRR
-
-
80
100
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com