Electronic Components Datasheet Search
  English  ▼

X  

LIA101 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LIA101
Description  Linear Isolation Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LIA101 Datasheet(HTML) 3 Page - Clare, Inc.

  LIA101 Datasheet HTML 1Page - Clare, Inc. LIA101 Datasheet HTML 2Page - Clare, Inc. LIA101 Datasheet HTML 3Page - Clare, Inc. LIA101 Datasheet HTML 4Page - Clare, Inc. LIA101 Datasheet HTML 5Page - Clare, Inc. LIA101 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LIA101
www.clare.com
3
Rev. X
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
LED Parameters
Forward LED Current (IF)
-
-
-
20
mA
LED Forward Voltage Drop (VF)
I
F=10mA
0.9
1.2
1.4
V
Reverse LED Current
V
R=5V
-
-
10
µA
Reverse LED Voltage
-
-
-
5
V
Coupled Characteristics
K1, Servo Gain (I1/IF)
I
F=2-10mA, VCC=15V
0.004
0.008
0.030
K2, Forward Gain (I2/IF)
I
F=2-10mA, VCC=15V
0.004
0.008
0.030
K3, Transfer Gain (K2/K1)
I
F=2-10mA, VCC=15V
0.733
1.000
1.072
K3, Temperature Coefficient
Over Temperature Range
-
0.005
-
%/°C
Temperature Range
Operating
-
-40
-
+85
°C
Storage
-
-40
-
+125
°C
Electrical Characteristics @ TA = +25°C and
±VCC = 15VDC (unless otherwise specified) (Continued)
s The LIA101 Series (through hole) is shipped in anti-static tubes of 25 pieces. The LIA100P Series
(flatpack) is shipped in anti-static tubes of 50 pieces. Each tube will contain one K3 sorted bin.
s Bin designation marked on each device (A-J).
s Orders for the LIA100/LIA100P product will be shipped using bins available at the date of the order.
Any bin (A-J) can be shipped.
s For customers requiring selected bins D E F G we offer part numbers LIA101/LIA101P.
K3 Sorted Bins
Bin A
= 0.550-0.605
Bin B
= 0.606-0.667
Bin C
= 0.668-0.732
Bin D
= 0.733-0.805
Bin E
= 0.806-0.886
Bin F
= 0.887-0.974
Bin G
= 0.975-1.072
Bin H
= 1.073-1.179
Bin I
= 1.180-1.297
Bin J
= 1.298-1.426



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com