Electronic Components Datasheet Search
  English  ▼

X  

LOC112 Datasheet(PDF) 1 Page - Clare, Inc.

Part # LOC112
Description  Linear Optocouplers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC112 Datasheet(HTML) 1 Page - Clare, Inc.

  LOC112 Datasheet HTML 1Page - Clare, Inc. LOC112 Datasheet HTML 2Page - Clare, Inc. LOC112 Datasheet HTML 3Page - Clare, Inc. LOC112 Datasheet HTML 4Page - Clare, Inc. LOC112 Datasheet HTML 5Page - Clare, Inc. LOC112 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
LOC112
DS-LOC112-R2
Linear Optocouplers
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
LOC112 is a linear optocoupler for use in telecom, med-
ical and power supply isolation circuits. They are available
in 8 pin DIP, surface mount or flatpack packages.
• Modem Transformer Replacement With No
Insertion Loss
• Digital Telephone Isolation
• Power Supply Feedback Voltage/Current
• Medical Sensor Isolation
• Audio Signal Interfacing
• Isolation of Process Control Transducers
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• 8 Pin Flatpack or DIP Package (PCMCIA Compatible)
• Couples Analog and Digital Signals
• Wide Bandwidth (>200kHz)
• High Gain Stability
• Low Input/Output Capacitance
• Low Power Consumption
• 0.01% Servo Linearity
• THD 87dB Typical
• Machine Insertable, Wave Solderable
• Surface Mount and Tape Reel Versions Available
• VDE Compatible
Part #
Description
LOC112
8 Pin DIP (50/Tube)
LOC112P
8 Pin Flatpack (50/Tube)
LOC112PTR
8 Pin Flatpack (1000/Reel)
LOC112S
8 Pin Surface Mount (50/Tube)
LOC112STR
8 Pin Surface Mount (1000/Reel)
LOC112 Pinout
Ð LED
+ LED
+Vcc
1
I1
NC
NC
+Vcc
2
I2
1
2
3
4
8
7
6
5


Similar Part No. - LOC112

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112P IXYS-LOC112P Datasheet
123Kb / 6P
Linear Optocoupler
LOC112PTR IXYS-LOC112PTR Datasheet
123Kb / 6P
Linear Optocoupler
LOC112S IXYS-LOC112S Datasheet
123Kb / 6P
Linear Optocoupler
LOC112STR IXYS-LOC112STR Datasheet
123Kb / 6P
Linear Optocoupler
More results

Similar Description - LOC112

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC110 CLARE-LOC110 Datasheet
139Kb / 6P
Linear Optocouplers
LOC111 CLARE-LOC111 Datasheet
139Kb / 6P
Linear Optocouplers
LOC210 CLARE-LOC210 Datasheet
74Kb / 5P
Linear Optocouplers
LOC211 CLARE-LOC211 Datasheet
74Kb / 5P
Linear Optocouplers
logo
Silonex Inc.
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
OPTOCOUPLERS
logo
Texas Instruments
TIL127 TI-TIL127 Datasheet
235Kb / 6P
OPTOCOUPLERS
TIL124 TI-TIL124 Datasheet
632Kb / 8P
OPTOCOUPLERS
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
Optocouplers
logo
Clare, Inc.
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
Linear Optocouplers
logo
IXYS Corporation
LOC210 IXYS-LOC210 Datasheet
107Kb / 5P
Dual Linear Optocouplers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com