Electronic Components Datasheet Search
  English  ▼

X  

LOC112 Datasheet(PDF) 4 Page - Clare, Inc.

Part # LOC112
Description  Linear Optocouplers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC112 Datasheet(HTML) 4 Page - Clare, Inc.

  LOC112 Datasheet HTML 1Page - Clare, Inc. LOC112 Datasheet HTML 2Page - Clare, Inc. LOC112 Datasheet HTML 3Page - Clare, Inc. LOC112 Datasheet HTML 4Page - Clare, Inc. LOC112 Datasheet HTML 5Page - Clare, Inc. LOC112 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LOC112
Rev. 2
Dimensions
mm
(inches)
Mechanical Dimensions
8 Pin Flatpack (“P” Suffix)
7.620
± .254
(.300
± .010)
2.159 TYP.
(.085)
2.286 MAX.
(.090)
9.398
± .127
(.370
± .005)
6.350
± .127
(.250
± .005)
9.652
± .381
(.380
± .015)
2.540
± .127
(.100
± .005)
8.077
± .127
(.318
± .005)
.457
± .076
(.018
± .003)
.203
(.008)
.635
± .127
(.025)
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
8.763
± .127
(.345
± .005)
1.193
(.047)
.787
(.031)
4.445
± .127
(.175
± .005)
3.302
(.130)
7.620
± .254
(.300
± .010)
6.350
± .127
(.250
± .005)
8.077
± .127
(.318
± .005)
2.540
± .127
(.100
± .005)
9.525
± .254
(.375
± .010)
.457
± .076
(.018
± .003)
.254 TYP.
(.010)
.635 TYP.
(.025)
8 Pin DIP Surface Mount (“S” Suffix)
9.652
± .381
(.380
± .015)
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
8.305
± .127
(.327
± .005)
1.905
± .127
(.075
± .005)
1.498
± .127
(.059
± .005)
7.239 TYP.
(.285)
3.302
(.130)
7.620
± .254
(.300
± .010)
9.144 TYP.
(.360)
6.350
± .127
(.250
± .005)
9.652
± .381
(.380
± .015)
2.540
± .127
(.100
± .005)
9.144
± .508
(.360
± .020)
.457
± .076
(.018
± .003)
8.077
± .127
(.318
± .005 )
8 Pin DIP Through Hole (Standard)
PC Board Pattern
(Top View)
6.350
± .127
(.250
± .005)
2.540
± .127
(.100
± .005)
7.620
± .127
(.300
± .005)
7.620
± .127
(.300
± .005)
8-.800 DIA.
(8-.031 DIA.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com