Electronic Components Datasheet Search
  English  ▼

X  

2SB892 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB892
Description  Large-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB892 Datasheet(HTML) 2 Page - ON Semiconductor

  2SB892 Datasheet HTML 1Page - ON Semiconductor 2SB892 Datasheet HTML 2Page - ON Semiconductor 2SB892 Datasheet HTML 3Page - ON Semiconductor 2SB892 Datasheet HTML 4Page - ON Semiconductor 2SB892 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB892 / 2SD1207
Rev.0 I Page 2 of 5 I www.onsemi.com
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1*
VCE=(--)2V, IC=(--)100mA
100
560
hFE2VCE=(--)2V, IC=(--)1.5A
40
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
150
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(22)12
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1A, IB=(--)50mA
(--0.3)0.15
(--0.7)0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)1A, IB=(--)50mA
(--)0.9
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)6
V
* : The 2SB892 / 2SD1207 are graded as follows by hFE at 100mA :
Rank
R
S
T
U
hFE
100 to 200
140 to 280
200 to 400
280 to 560
Package Dimensions
unit : mm (typ)
7520-002
12 3
0.5
0.5
0.5
0.6
1.45
1.45
6.0
4.7
5.0
1 : Emitter
2 : Collector
3 : Base
SANYO : MP
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
--2.4
--2.0
--1.6
--0.8
--1.2
--0.4
0
0--2.4
--1.6
--2.0
--1.2
--0.4
--0.8
2.4
2.0
1.6
0.8
1.2
0.4
0
02.4
1.6
2.0
1.2
0.4
0.8
--2mA
--4mA
--6mA
--8mA
2mA
4mA
8mA
50mA
40mA
25mA
15mA
--20mA
--10mA
IB=0mA
ITR08646
IB=0mA
ITR08647
2SB892
2SD1207



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com