Electronic Components Datasheet Search
  English  ▼

X  

2SB892 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SB892
Description  Large-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB892 Datasheet(HTML) 3 Page - ON Semiconductor

  2SB892 Datasheet HTML 1Page - ON Semiconductor 2SB892 Datasheet HTML 2Page - ON Semiconductor 2SB892 Datasheet HTML 3Page - ON Semiconductor 2SB892 Datasheet HTML 4Page - ON Semiconductor 2SB892 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB892 / 2SD1207
Rev.0 I Page 3 of 5 I www.onsemi.com
hFE -- IC
Collector Current, IC -- mA
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
f T -- IC
Collector Current, IC -- mA
f T -- IC
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
2SB892
VCE= --2V
ITR08652
100
1000
5
7
3
2
5
7
3
2
10
--100
7
3
25
7
3
25
3
25
--1000
--10
2SD1207
VCE=2V
100
1000
5
7
3
2
5
7
3
2
10
100
7
3
25
7
3
25
3
25
1000
10
ITR08653
2SB892
VCB= --10V
10
100
7
5
3
2
7
5
3
2
1000
--100
--10
25
37
2
5
32
3
7 --1000
2SD1207
VCB=10V
100
10
25
37
2
5
32
3
7 1000
ITR08654
10
100
7
5
3
2
7
5
3
2
1000
ITR08655
0
0.4
0.2
1.2
0.8
1.0
0.6
--2mA
--1mA
--3mA
--4mA
--5mA
--6mA
--7mA
--1200
--1000
--400
--800
--600
--200
0
0--12
--8
--10
--6
--2
--4
7mA
6mA
5mA
4mA
3mA
2mA
1mA
1200
1000
400
800
600
200
0
--1200
--1000
--400
--800
--600
--200
0
1200
1000
400
800
600
200
0
012
810
6
24
IB=0mA
ITR08648
2SB892
2SD1207
IB=0mA
ITR08649
2SD1207
VCE=2V
ITR08651
0--0.4
--1.2
--0.8
--1.0
--0.2
--0.6
2SB892
VCE= --2V
ITR08650



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com