Electronic Components Datasheet Search
  English  ▼

X  

GSIB1506 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GSIB1506
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSIB1506 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GSIB1506 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSIB1506 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSIB1506 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
23/05/12
Glass Passivated Bridge Rectifiers
GSIB15005 thru 1510
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol GSIB
15005
GSIB
1501
GSIB
1502
GSIB
1504
GSIB
1506
GSIB
1508
GSIB
1510
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1,000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1,000
Maximum Average Forward  (with heatsink Note 2)
Rectified Current  at TC = 100°C (without heatsink)
I (av)
15
3.2
A
Peak Forward Surge Current
8.3 ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
IFSM
240
Maximum Forward Voltage at 7.5 A dc
VF
1.1
V
Maximum DC Reverse Current 
at TJ = 25°C
at Rated DC Blocking Voltage 
at TJ = 125°C
Ir
10
500
µA
I2t Rating For Fusing (t < 8.3 ms)
I2t
240
A2s
Typical Junction Capacitance per Element (Note 1)
CJ
60
pF
Typical Thermal Resistance (Note 2)
RθJC
0.8
°C / W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
Rating and Characteristic Curves (GSIB15005 thru 1510)
Forward Current Derating Curve
Case Temperature (°C)
60
120
140
0
3
15
100
80
40
20
0
9
12
6
  
  
  
Single Phase Half Wave 60Hz
Resistive or Inductive Load
Without Heatsink
With Heatsink
150
300
100
250
200
50
0
1
2
5
10
20
50
100
  
Maximum Non-Repetitive
Surge Current
Number of Cycles at 60Hz
Tj =150°C
Single-Sine-Wave
(JEDEC Method)
Note:   1. Measured at 1 MHz and applied reverse voltage of 4 V dc. 
2. Device mounted on 300 × 300 × 1.6mm cu plate heatsink.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com