Electronic Components Datasheet Search
  English  ▼

X  

GSIB1506 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GSIB1506
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSIB1506 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GSIB1506 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSIB1506 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSIB1506 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
23/05/12
Glass Passivated Bridge Rectifiers
GSIB15005 thru 1510
Features:
•  Rating to 1,000V PRV
•  Ideal for printed circuit board
•  Low forward voltage drop, high current capability
•   Reliable low cost construction utilizing moulded plastic technique results  
in inexpensive product
?. 122(3.1)
?. 134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7) Spacing
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+ ~ ~ _
.118(3.0)× 45°
GSIB
Dimensions : Inches (Millimetres)
Reverse Voltage : 50 to 1,000 Volts.
Forward Current : 15 Amperes.


Similar Part No. - GSIB1506

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GSIB1505 GULFSEMI-GSIB1505 Datasheet
146Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 15.0A
More results

Similar Description - GSIB1506

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com