Electronic Components Datasheet Search
  English  ▼

X  

PLA160 Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLA160
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA160 Datasheet(HTML) 3 Page - Clare, Inc.

  PLA160 Datasheet HTML 1Page - Clare, Inc. PLA160 Datasheet HTML 2Page - Clare, Inc. PLA160 Datasheet HTML 3Page - Clare, Inc. PLA160 Datasheet HTML 4Page - Clare, Inc. PLA160 Datasheet HTML 5Page - Clare, Inc. PLA160 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLA160
www.clare.com
Rev. 3
3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
PLA160
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
380
375
370
365
360
355
350
345
340
335
-20
0
20
40
60
80
100
PLA160
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
2.34
2.38
2.42
2.46
2.50
LED Forward Voltage Drop (V)
PLA160
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
35
30
25
20
15
10
5
0
60
62
64
65
61
63
On-Resistance (
Ω)
PLA160
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
18
16
14
12
10
8
6
4
2
0
335
345
355
365
340
350
Blocking Voltage (V)
360
PLA160
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC
30
25
20
15
10
5
0
1.1
1.5
0.9
1.3
1.7
1.9
LED Current (mA)
)
PLA160
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC)
1.1
1.5
0.9
1.3
1.7
1.9
LED Current (mA)
30
25
20
15
10
5
0
PLA160
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
0.025
0.035
0.045
0.050
0.030
0.040
Turn-On (ms)
30
25
20
15
10
5
0
PLA160
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 50mADC; IF = 10mADC)
0.015
0.025
0.035
0.040
0.030
0.020
Turn-Off (ms)
30
25
20
15
10
5
0
PLA160
Typical Load Current vs. Temperature
Temperature (
°C)
80
70
60
50
40
30
20
10
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
PLA160
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
PLA160
Typical Turn-On vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
20mA
10mA
PLA160
Typical Turn-Off vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com