Electronic Components Datasheet Search
  English  ▼

X  

PLA160 Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA160
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA160 Datasheet(HTML) 4 Page - Clare, Inc.

  PLA160 Datasheet HTML 1Page - Clare, Inc. PLA160 Datasheet HTML 2Page - Clare, Inc. PLA160 Datasheet HTML 3Page - Clare, Inc. PLA160 Datasheet HTML 4Page - Clare, Inc. PLA160 Datasheet HTML 5Page - Clare, Inc. PLA160 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
PLA160
Rev. 3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
PLA160
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
-40
3.6
3.2
2.8
2.4
2.0
1.6
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
PLA160
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
50
PLA160
Typical Turn-Off vs.LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.032
0.031
0.030
0.029
0.028
0.027
0.026
0.025
50
PLA160
Typical On-Resistance vs. Temperature
(Load Current = 50mADC; IF = 10mADC)
Temperature (
°C)
-40
80
70
60
50
40
30
20
10
-20
0
20
40
60
80
100
PLA160
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
PLA160
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 50mA)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
PLA160
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 10mADC
Load Voltage (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-3
-2
-1
0
1
2
3
PLA160
Energy Rating Curve
Time
10
µs
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1ms
100
µs
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com