Electronic Components Datasheet Search
  English  ▼

X  

PLA190 Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLA190
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA190 Datasheet(HTML) 3 Page - Clare, Inc.

  PLA190 Datasheet HTML 1Page - Clare, Inc. PLA190 Datasheet HTML 2Page - Clare, Inc. PLA190 Datasheet HTML 3Page - Clare, Inc. PLA190 Datasheet HTML 4Page - Clare, Inc. PLA190 Datasheet HTML 5Page - Clare, Inc. PLA190 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLA190
www.clare.com
R1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
PLA190
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PLA190
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
!#
!
#

#

#

$
&

#
%
'
On-Resistance (
Ω)
PLA190
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
450.5
468.5
486.5
441.5
459.5
477.5
Blocking Voltage (V)
PLA190
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
PLA190
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.26
0.32
0.38
0.35
0.29
0.23
Turn-Off (ms)
25
20
15
10
5
0
PLA190
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.26
0.32
0.38
0.35
0.29
0.23
Turn-Off (ms)
25
20
15
10
5
0
PLA190
Typical Load Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
0
-40 -20
0
20
40
60
80
120
100
10mA
5mA
10mA
5mA
DC Configuration
AC/DC Configuration
PLA190
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC)
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
25
20
15
10
5
0
PLA190
Typical On-Resistance vs. Temperature
(Load Current = Max Rated at Temp.)
DC Configuration
-40
10
9
8
7
6
5
0
-20
0
20
40
60
80
100
IF=5mA
IF=10mA
PLA110
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
PLA190
PLA190
Typical On Resistance vs. Temp.
Load Current=100mA Instantaneous
Temperature (
°C)
25
20
15
10
5
-40 -20
0
20
40
60
80
120
100
IF=5mA
PLA190
Typical On-Resistance vs. Temperature
(Load Current = Max rated at Temp.)
AC/DC Configuration
-40
25
20
15
10
5
0
-20
0
20
40
60
80
100
5mA
10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com