Electronic Components Datasheet Search
  English  ▼

X  

PLA190 Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA190
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA190 Datasheet(HTML) 4 Page - Clare, Inc.

  PLA190 Datasheet HTML 1Page - Clare, Inc. PLA190 Datasheet HTML 2Page - Clare, Inc. PLA190 Datasheet HTML 3Page - Clare, Inc. PLA190 Datasheet HTML 4Page - Clare, Inc. PLA190 Datasheet HTML 5Page - Clare, Inc. PLA190 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
PLA190
R1
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
PLA190
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
10mA
5mA
PLA190
Typical Turn-On vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
PLA190
Typical Turn-Off vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.12
0.10
0.08
0.06
0.04
0.02
0
50
PLA190
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA190
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA190
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5 0
1.5
1.0
0.5
2.0 2.5
PLA110
Energy Rating Curve
Time
10µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100µs
100ms 1s
10ms
10s 100s
PLA190
PLA190
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
120
100
5mA
10mA
PLA190
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.3
0.25
0.2
0.15
0.1
0.05
-20
0
20
40
60
80
100
IF=5mA
PLA190
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
480
475
470
465
460
455
450
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com