Electronic Components Datasheet Search
  English  ▼

X  

TS117 Datasheet(PDF) 3 Page - Clare, Inc.

Part # TS117
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS117 Datasheet(HTML) 3 Page - Clare, Inc.

  TS117 Datasheet HTML 1Page - Clare, Inc. TS117 Datasheet HTML 2Page - Clare, Inc. TS117 Datasheet HTML 3Page - Clare, Inc. TS117 Datasheet HTML 4Page - Clare, Inc. TS117 Datasheet HTML 5Page - Clare, Inc. TS117 Datasheet HTML 6Page - Clare, Inc. TS117 Datasheet HTML 7Page - Clare, Inc. TS117 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS117
www.clare.com
3
Rev. 9
Electrical Characteristics (Continued)
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Detector Portion (Pins 3,4)
Output Characteristics @ 25°C
Phototransistor Blocking Voltage
I
C=10µA
BV
CEO
20
50
-
V
Phototransistor Output Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
IC=2mA, I
F=16mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
CTR
33
100
-
%
Detector Portion (Pins 5,6)
Input Characteristics @ 25°C
Input Control Current
I
C=2mA, VCE=0.5V
I
F
6
2
100
mA
Input Voltage Drop
IF=5mA
V
F
0.9
1.2
1.4
V
Input Current
I
C=1µA, VCE=5V
I
F
525
-
µA
(Detector must be off)
Input to Output Capacitance
(Relay Only)
-
C
I/O
-3
-
pF
Capacitance Input to Output
-
-
-
-
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com