Electronic Components Datasheet Search
  English  ▼

X  

TS117 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TS117
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS117 Datasheet(HTML) 4 Page - Clare, Inc.

  TS117 Datasheet HTML 1Page - Clare, Inc. TS117 Datasheet HTML 2Page - Clare, Inc. TS117 Datasheet HTML 3Page - Clare, Inc. TS117 Datasheet HTML 4Page - Clare, Inc. TS117 Datasheet HTML 5Page - Clare, Inc. TS117 Datasheet HTML 6Page - Clare, Inc. TS117 Datasheet HTML 7Page - Clare, Inc. TS117 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
TS117
Rev. 9
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS117
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
TS117
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load: Voltage = 350VDC; Current = 120mADC;
I
F = 2mADC)
35
30
25
20
15
10
5
0
18.75
20.95
23.15
25.35
19.85
22.05
24.25
On-Resistance (
Ω)
TS117
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
377.5
399.5
421.5
443.5
388.5
410.5
432.5
Blocking Voltage (V)
TS117
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
TS117
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
TS117
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 2mADC)
0.15
0.75
1.35
1.95
0.45
1.05
1.65
Turn-On (ms)
25
20
15
10
5
0
TS117
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 2mADC)
0.035
0.175
0.315
0.455
0.385
0.245
0.105
Turn-Off (ms)
25
20
15
10
5
0
TS117
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
TS117
Typical Leakage vs. Temperature
(Measured across Pins 7 & 8)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
TS117
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
TS117
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
20mA
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
2mA
5mA
10mA
TS117
Typical Turn-Off vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
2mA
5mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com