Electronic Components Datasheet Search
  English  ▼

X  

MTP452M3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTP452M3
Description  30V P-CHANNEL Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP452M3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTP452M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C426M3
Issued Date : 2012.02.07
Revised Date :
Page No. : 5/8
MTP452M3
CYStek Product Specification
Typical Characteristics(Cont.)
Transient Thermal Response Curves
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TC=PDM*RθJA(t)
4.RθJA=62.5°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com