Electronic Components Datasheet Search
  English  ▼

X  

MTP452M3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP452M3
Description  30V P-CHANNEL Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP452M3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP452M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP452M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C426M3
Issued Date : 2012.02.07
Revised Date :
Page No. : 1/8
MTP452M3
CYStek Product Specification
30V P-CHANNEL Enhancement Mode MOSFET
MTP452M3
Features
• Single Drive Requirement
• Low On-resistance, RDS(ON)=50mΩ(typ.)@VGS=-10V, ID=-3.2A
RDS(ON)=72mΩ(typ.)@VGS=-4.5V, ID=-2.6A
• Ultra High Speed Switching
• Pb-free package
Symbol
Outline
MTP452M3
SOT-89
D
G D S
G:Gate
S:Source
D:Drain
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TA=25
°C
ID
-5.3
A
Continuous Drain Current @ TA=70
°C
ID
-4.2
A
Pulsed Drain Current
IDM
-20
*1, 3
A
Total Power Dissipation (TA=25℃)
2
*2
PD
W
Total Power Dissipation (TA=70℃)
1.3
*2
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Surface mounted on 1 in² copper pad of FR-4 board; 270
°C/W when mounted on min. copper pad
*3. Pulse width≤300μs, duty cycle≤2%


Similar Part No. - MTP452M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP452L3 CYSTEKEC-MTP452L3 Datasheet
364Kb / 7P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTP452M3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP32D5LFA DIODES-DMP32D5LFA_15 Datasheet
359Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com