Electronic Components Datasheet Search
  English  ▼

X  

XBA170 Datasheet(PDF) 3 Page - Clare, Inc.

Part # XBA170
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

XBA170 Datasheet(HTML) 3 Page - Clare, Inc.

  XBA170 Datasheet HTML 1Page - Clare, Inc. XBA170 Datasheet HTML 2Page - Clare, Inc. XBA170 Datasheet HTML 3Page - Clare, Inc. XBA170 Datasheet HTML 4Page - Clare, Inc. XBA170 Datasheet HTML 5Page - Clare, Inc. XBA170 Datasheet HTML 6Page - Clare, Inc. XBA170 Datasheet HTML 7Page - Clare, Inc. XBA170 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
XBA170
www.clare.com
Rev. 2
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
XBA170
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
XBA170 - FormA
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC, IF=5mADC)
25
20
15
10
5
0
29.09
30.63
32.93
29.86
32.16
31.40
33.70
On-Resistance (
Ω)
XBA170 - FormB
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC, IF=5mADC)
25
20
15
10
5
0
30.59
32.13
33.66
35.20
31.36
32.90
34.43
On-Resistance (
Ω)
XBA170 - FormA
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
424.0
434.5
444.9
455.4
429.3
439.7
450.1
Blocking Voltage (V)
XBA170 - FormB
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
424.0
434.5
444.9
455.4
429.3
439.7
450.1
Blocking Voltage (V)
XBA170 - FormA
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.44
0.56
0.69
0.50
0.62
0.75
0.81
LED Current (mA)
25
20
15
10
5
0
XBA170 - FormB
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.44
0.56
0.69
0.81
0.50
0.62
0.75
LED Current (mA)
XBA170 - FormA
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
XBA170 - FormB
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
XBA170 - FormA
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.67
0.83
1.06
1.14
0.75
0.99
0.91
Turn-On (ms)
25
20
15
10
5
0
XBA170 - FormB
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.11
0.17
0.22
0.14
0.19
0.25
0.28
Turn-On (ms)
25
20
15
10
5
0
XBA170 - FormA
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.11
0.17
0.22
0.28
0.25
0.19
0.14
Turn-Off (ms)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com