Electronic Components Datasheet Search
  English  ▼

X  

XBA170 Datasheet(PDF) 4 Page - Clare, Inc.

Part # XBA170
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

XBA170 Datasheet(HTML) 4 Page - Clare, Inc.

  XBA170 Datasheet HTML 1Page - Clare, Inc. XBA170 Datasheet HTML 2Page - Clare, Inc. XBA170 Datasheet HTML 3Page - Clare, Inc. XBA170 Datasheet HTML 4Page - Clare, Inc. XBA170 Datasheet HTML 5Page - Clare, Inc. XBA170 Datasheet HTML 6Page - Clare, Inc. XBA170 Datasheet HTML 7Page - Clare, Inc. XBA170 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
XBA170
Rev. 2
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
XBA170 - FormB
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC; IF = 5mADC)
0.75
0.91
1.06
1.14
0.99
0.83
0.67
Turn-Off (ms)
25
20
15
10
5
0
XBA170 - Form A
Typical Load Current vs. Temperature
Temperature (
°C)
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
10mA
20mA
5mA
XBA170 - Form B
Typical Load Current vs. Temperature
Temperature (
°C)
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
5mA
XBA170
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
XBA170 - FormA
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
455
450
445
440
435
430
425
420
-20
0
20
40
60
80
100
XBA170 - FormB
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
455
450
450
440
435
430
425
420
-20
0
20
40
60
80
100
XBA170 - FormA
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
120
10mA
20mA
XBA170 - FormB
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120
5mA
XBA170 - FormA
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120
XBA170 - FormB
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
120
XBA170
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
XBA170 - FormA
Typical Turn-On vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com