Electronic Components Datasheet Search
  English  ▼

X  

NACK331M63V63x8TR13F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACK331M63V63x8TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK331M63V63x8TR13F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACK331M63V63x8TR13F Datasheet HTML 1Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 2Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 3Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 4Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 5Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACK Series
NIC Part Number*
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100KHz
Max. Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@ +105°C
NACK101M25V8x6.5TR13F
100
25
0.14
300
0.26
2,000
NACK151M25V8x10.5TR13F
150
0.14
600
0.16
2,000
NACK151M25V8x10.5TR13EF
150
0.14
600
0.16
5,000
NACK221M25V8x10.5TR13F
220
0.14
600
0.16
2,000
NACK221M25V8x10.5TR13EF
220
0.14
600
0.16
5,000
NACK331M25V8x10.5TR13F
330
0.14
600
0.16
2,000
NACK331M25V8x10.5TR13EF
330
0.14
600
0.16
5,000
NACK471M25V10x10.5TR13F
470
0.14
850
0.08
2,000
NACK471M25V10x10.5TR13EF
470
0.14
850
0.08
5,000
NACK102M25V12.5x14TR15F
1000
0.14
1100
0.06
5,000
NACK152M25V16X17TR13F
1500
0.16
1800
0.035
5,000
NACK222M25V16x17TR15F
2200
0.16
1800
0.035
5,000
NACK332M25V18x17TR13F
3300
0.18
1800
0.033
5,000
NACK4R7M35V4x6.1TR13F
4.7
35
0.12
90
1.35
2,000
NACK100M35V4x6.1TR13F
10
0.12
90
1.35
2,000
NACK100M35V5x6.1TR13F
0.12
160
0.70
2,000
NACK220M35V5x6.1TR13F
22
0.12
160
0.70
2,000
NACK330M35V6.3x1TR13F
33
0.12
240
0.36
2,000
NACK470M35V6.3x6.1TR13F
47
0.12
240
0.36
2,000
NACK680M35V6.3x8TR13F
68
0.12
280
0.34
2,000
NACK101M35V6.3x8TR13F
100
0.12
280
0.34
2,000
NACK101M35V8x10.5TR13F
0.12
600
0.16
2,000
NACK101M35V8x10.5TR13EF
100
0.12
600
0.16
5,000
NACK151M35V8x10.5TR13F
150
0.12
600
0.16
2,000
NACK151M35V8x10.5TR13EF
150
0.12
600
0.16
5,000
NACK221M35V8x10.5TR13F
220
0.12
600
0.16
2,000
NACK221M35V8x10.5TR13EF
220
0.12
600
0.16
5,000
NACK331M35V10x10.5TR13F
330
0.12
850
0.08
2,000
NACK331M35V10x10.5TR13EF
330
0.12
850
0.08
5,000
NACK471M35V12.5x14TR15F
470
0.12
1100
0.06
5,000
NACK681M35V12.5x14TR15F
680
0.12
1100
0.06
5,000
NACK102M35V16x17TR15F
1000
0.12
1800
0.035
5,000
NACK152M35V16x17TR15F
1500
0.12
1800
0.035
5,000
NACK4R7M50V4x6.1TR13F
4.7
50
0.10
60
2.9
2,000
NACK100M50V5x6.1TR13F
10
0.10
85
1.52
2,000
NACK100M50V6.3x6.1TR13F
0.10
165
0.88
2,000
NACK220M50V6.3x6.1TR13F
22
0.10
165
0.88
2,000
NACK330M50V6.3x8TR13F
33
0.10
195
0.68
2,000
NACK330M50V8x6.5TR13F
0.10
195
0.68
2,000
NACK470M50V6.3x8TR13F
47
0.10
195
0.68
2,000
NACK470M50V8x6.5TR13F
0.10
195
0.68
2,000
NACK101M50V8x10.5TR13F
100
0.10
350
0.34
2,000
NACK101M50V8x10.5TR13EF
100
0.10
350
0.34
5,000
NACK151M50V10x10.5TR13F
150
0.10
670
0.18
2,000
NACK151M50V10x10.5TR13EF
150
0.10
670
0.18
5,000
NACK221M50V10x10.5TR13F
220
0.10
670
0.18
2,000
NACK221M50V10x10.5TR13EF
220
0.10
670
0.18
5,000
NACK331M50V12.5x14TR15F
330
0.10
900
0.12
5,000
NACK391M50V12.5X14TR13F
390
0.10
900
0.12
5,000
NACK471M50V16x17TR15F
470
0.10
1610
0.073
5,000
NACK561M50V16x17TR13F
560
0.10
1610
0.073
5,000
NACK681M50V16x17TR15F
680
0.10
1610
0.073
5,000
NACK102M50V16x17TR15F
1000
0.10
1610
0.073
5,000
NACK4R7M63V5x6.1TR13F
4.7
63
0.08
50
3.0
2,000
NACK100M63V6.3x6.1TR13F
10
0.08
80
1.5
2,000
NACK220M63V6.3x8TR13F
22
0.08
120
1.2
2,000
NACK220M63V8x6.5TR13F
0.08
120
1.2
2,000
NACK330M63V8x10.5TR13F
33
0.08
250
0.65
2,000
NACK470M63V8x10.5TR13F
47
0.08
250
0.65
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
*See part numbering system for how to denote WT termination style
Available in "Y" Control Option (for Automotive Equipment)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com