Electronic Components Datasheet Search
  English  ▼

X  

NACK331M63V63x8TR13F Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NACK331M63V63x8TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK331M63V63x8TR13F Datasheet(HTML) 6 Page - NIC-Components Corp.

  NACK331M63V63x8TR13F Datasheet HTML 1Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 2Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 3Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 4Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 5Page - NIC-Components Corp. NACK331M63V63x8TR13F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
CARRIER TAPE
Surface Mount Aluminum Electrolytic Capacitors NACK Series
Case Size
A ±0.5 B ±0.2 C ±0.3 D ±0.1 P ±0.1 T ±0.2
4 x 6.1
4.7
4.7
12.0
5.5
8.0
6.4
5 x 6.1
5.7
5.7
12.0
5.5
12.0
6.4
6.3 x 6.1
7.0
7.0
16.0
7.5
12.0
6.4
6.3 x 8
7.0
7.0
16.0
7.5
12.0
8.3
8 x 6.5
8.7
8.7
16.0
7.5
12.0
6.8
8 x 6.5WT
8 X 10.5
8.7
8.7
24.0
7.5
12.0
11.1
8 x 10.5WT
10 x 10.5
10.7
10.7
24.0
11.5
16.0
11.2
10 x 10.5WT
12.5 x 14
13.2
13.2
32.0
14.2
24.0
14.2
12.5 x 14WT
14.0
14.0
32.0
14.2
24.0
14.2
16 x 17
17.5
17.5
44.0
20.2
28.0
17.5
16 x 17WT
18 x 17
19.5
19.5
44.0
20.2
32.0
17.5
18 x17WT
Case Size
W ±1.0
Quantity Per Reel
13" Reel
15" Reel
4 x 6.1
14.0
1,200 pcs
2,000 pcs
5 x 6.1
14.0
800 pcs
1,000 pcs
6.3 x 6.1
18.0
800 pcs
1,000 pcs
6.3 x 8
18.0
500 pcs
900 pcs
8 x 6.5
18.0
800 pcs
1,000 pcs
8 X 10.5
26.0
300 pcs
500 pcs
10 x 10.5
26.0
300 pcs
500 pcs
12.5 x 14
34.0
200 pcs*
250 pcs*
16 x 17
46.0
125 pcs*
200 pcs*
18 x 17
46.0
125 pcs
150 pcs
TR13 330mm (13") REEL
TR15 380mm (15") REEL
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
3.0
± 0.5
21
±0.8
2.0±0.5
W
REEL
T
A
P
Feeding
+
-
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
0.4 + 0.2
4 + 0.1
CARRIER
*See specific part number in standard values tables
for available reel diameter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com