Electronic Components Datasheet Search
  English  ▼

X  

W130 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W130
Description  Spread Spectrum Desktop/Notebook System Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W130 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W130 Datasheet HTML 1Page - Cypress Semiconductor W130 Datasheet HTML 2Page - Cypress Semiconductor W130 Datasheet HTML 3Page - Cypress Semiconductor W130 Datasheet HTML 4Page - Cypress Semiconductor W130 Datasheet HTML 5Page - Cypress Semiconductor W130 Datasheet HTML 6Page - Cypress Semiconductor W130 Datasheet HTML 7Page - Cypress Semiconductor W130 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
W130
PRELIMINARY
4
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V±5%, VDDQ2 = 2.5V±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDDQ3
3.3V Supply Current
CPU0:5 = 100 MHz
Outputs Loaded[1]
95
mA
IDDQ2
2.5V Supply Current
CPU0:5 = 100 MHz
Outputs Loaded[1]
75
mA
Logic Inputs
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL
Input Low Current[2]
–25
µA
IIH
Input High Current[2]
10
µA
IIL
Input Low Current (SEL100/66#)
–5µA
IIH
Input High Current (SEL100/66#)
5
µA
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
VOH
Output High Voltage
CPU0:5, APIC0:1
IOH = –1 mA
2.2
V
IOL
Output Low Current
CPU0:5
VOL = 1.25V
27
57
97
mA
PCI_F, PCI1:7
VOL = 1.5V
20.5
53
139
mA
APIC0:1
VOL = 1.25V
40
85
140
mA
REF0:2
VOL = 1.5V
25
37
76
mA
48MHz
VOL = 1.5V
25
37
76
mA
IOH
Output High Current
CPU0:5
VOL = 1.25V
25
55
97
mA
PCI_F, PCI1:7
VOL = 1.5V
31
55
189
mA
IOAPIC
VOL = 1.25V
40
87
155
mA
REF0:2
VOL = 1.5V
27
44
94
mA
48MHz
VOL = 1.5V
27
44
94
mA
Notes:
1.
All clock outputs loaded with 6" 60
Ω transmission lines with 22-pF capacitors.
2.
W130 logic inputs have internal pull-up devices, except SEL100/66# (pull-ups not full CMOS level).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com