Electronic Components Datasheet Search
  English  ▼

X  

W132 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W132
Description  Spread Aware, Ten/Eleven Output Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W132 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W132 Datasheet HTML 1Page - Cypress Semiconductor W132 Datasheet HTML 2Page - Cypress Semiconductor W132 Datasheet HTML 3Page - Cypress Semiconductor W132 Datasheet HTML 4Page - Cypress Semiconductor W132 Datasheet HTML 5Page - Cypress Semiconductor W132 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Spread Aware™, Ten/Eleven Output Zero Delay Buffer
W132
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07216 Rev. *A
Revised December 22, 2002
Features
• Spread Aware™—designed to work with SSFTG refer-
ence signals
• Well suited to both 100- and 133-MHz designs
• Ten (-09B) or Eleven (-10B) LVCMOS/LVTTL outputs
• Single output enable pin for -10 version, dual pins on
-09 devices allow shutting down a portion of the out-
puts.
• 3.3V power supply
• On board 25
Ω damping resistors
• Available in 24-pin TSSOP package
Key Specifications
Operating Voltage: ................................................ 3.3V±10%
Operating Range: ........................25 MHz < fOUT < 140 MHz
Cycle-to-Cycle Jitter: ................................................<150 ps
Output to Output Skew: ............................................<100 ps
Phase Error Jitter: .....................................................<125 ps
Spread Aware is a trademark of Cypress Semiconductor Corporation.
Block Diagram
Pin Configurations
Q0
PLL
Q1
Q2
Q3
Q5
Q6
OE0:4
Q7
Q8
FBOUT
Q4
Q9
OE
OE5:8
configuration of these blocks dependent upon specific option being used
FBIN
CLK
CLK
AVDD
VDD
Q9
Q8
GND
GND
Q7
Q6
Q5
VDD
FBIN
24
23
22
21
20
19
18
17
16
15
14
13
AGND
VDD
Q0
Q1
Q2
GND
GND
Q3
Q4
VDD
OE
FBOUT
1
2
3
4
5
6
7
8
9
10
11
12
CLK
AVDD
VDD
Q8
Q7
GND
GND
Q6
Q5
VDD
OE5:8
FBIN
24
23
22
21
20
19
18
17
16
15
14
13
AGND
VDD
Q0
Q1
Q2
GND
GND
Q3
Q4
VDD
OE0:4
FBOUT
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - W132

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W132 CYPRESS-W132 Datasheet
230Kb / 7P
Spread Aware짧, Ten/Eleven Output Zero Delay Buffer
logo
Keysight Technologies
W1320BP KEYSIGHT-W1320BP Datasheet
1Mb / 16P
Genesys
logo
Cypress Semiconductor
W132 CYPRESS-W132_04 Datasheet
230Kb / 7P
Spread Aware짧, Ten/Eleven Output Zero Delay Buffer
More results

Similar Description - W132

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W152 CYPRESS-W152 Datasheet
145Kb / 7P
Spread Aware?? Eight Output Zero Delay Buffer
June 14, 2000, rev. B
W163 CYPRESS-W163 Datasheet
89Kb / 4P
Spread Aware?? Zero Delay Buffer
February 21, 2000, rev
CY2509 CYPRESS-CY2509 Datasheet
100Kb / 6P
Spread Aware, Ten/Eleven Output Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
Spread Aware?? Zero Delay Buffer
CY2509 CYPRESS-CY2509_05 Datasheet
153Kb / 6P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
W132 CYPRESS-W132_04 Datasheet
230Kb / 7P
Spread Aware짧, Ten/Eleven Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
Spread Aware?? Eight Output Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
Spread Aware Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_11 Datasheet
211Kb / 11P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com