Electronic Components Datasheet Search
  English  ▼

X  

W132 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W132
Description  Spread Aware, Ten/Eleven Output Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W132 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W132 Datasheet HTML 1Page - Cypress Semiconductor W132 Datasheet HTML 2Page - Cypress Semiconductor W132 Datasheet HTML 3Page - Cypress Semiconductor W132 Datasheet HTML 4Page - Cypress Semiconductor W132 Datasheet HTML 5Page - Cypress Semiconductor W132 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
W132
Document #: 38-07216 Rev. *A
Page 2 of 6
Overview
The W132 is a PLL-based clock driver designed for use in dual
inline memory modules. The clock driver has output frequen-
cies of up to 133 MHz and output to output skews of less than
250 ps. The W132 provides minimum cycle-to-cycle and long
term jitter, which is of significant importance to meet the tight
input-to-input skew budget in DIMM applications.
The current generation of 256 and 512 megabyte memory
modules needs to support 100-MHz clocking speeds. Espe-
cially for cards configured in 16x4 or 8x8 format, the clock
signal provided from the motherboard is generally not strong
enough to meet all the requirements of the memory and logic
on the DIMM. The W132 takes in the signal from the mother-
board and buffers out clock signals with enough drive to sup-
port all the DIMM board clocking needs. The W132 is also
designed to meet the needs of new PC133 SDRAM designs,
operating to 133 MHz.
The W132 was specifically designed to accept SSFTG signals
currently being used in motherboard designs to reduce EMI.
Zero delay buffers which are not designed to pass this feature
through may cause skewing failures.
Output enable pins allow for shutdown of output when they are
not being used. This reduces EMI and power consumption.
Pin Definitions
Pin
Name
Pin No.
(-09B)
Pin No.
(-10B)
Pin
Type
Pin Description
CLK
24
24
I
Reference Input: Output signals Q0:9 will be synchronized to this signal.
FBIN
13
13
I
Feedback Input: This input must be fed by one of the outputs (typically FBOUT)
to ensure proper functionality. If the trace between FBIN and FBOUT is equal in
length to the traces between the outputs and the signal destinations, then the
signals received at the destinations will be synchronized to the CLK signal input.
Q0:8
3, 4, 5, 8,
9, 16, 17,
20, 21
3, 4, 5, 8,
9, 15, 16,
17, 20
O
Integrated Series Resistor Outputs: The frequency and phase of the signals
provided by these pins will be equal to the reference signal if properly laid out.
Each output has a 25
Ω series damping resistor integrated.
Q9
n/a
21
O
Integrated Series Resistor Output: The frequency and phase of the signal
provided by this pin will be equal to the reference signal if properly laid out. This
output has a 25
Ω series damping resistor integrated.
FBOUT
12
12
O
Feedback Output: This output has a 25
Ω series resistor integrated on chip.
Typically it is connected directly to the FBIN input with a trace equal in length to
the traces between outputs Q0:9 and the destination points of these output
signals.
AVDD
23
23
P
Analog Power Connection: Connect to 3.3V. Use ferrite beads to help reduce
noise for optimal jitter performance.
AGND
1
1
G
Analog Ground Connection: Connect to common system ground plane.
VDD
2, 10, 15,
22
2, 10, 14,
22
P
Power Connections: Connect to 3.3V. Use ferrite beads to help reduce noise
for optimal jitter performance.
GND
6, 7, 18,
19
6, 7, 18,
19
G
Ground Connections: Connect to common system ground plane.
OE
n/a
11
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. when brought
to GND (LOW, 0) all outputs are disabled to a LOW state.
OE0:4
11
n/a
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. when brought
to GND (LOW, 0) outputs Q0:4 are disabled to a LOW state.
OE5:8
14
n/a
I
Output Enable Input: Tie to VDD (HIGH, 1) for normal operation. when brought
to GND (LOW, 0) outputs Q5:8 are disabled to a LOW state.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com