Electronic Components Datasheet Search
  English  ▼

X  

W137 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W137
Description  Bx Notebook System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W137 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W137 Datasheet HTML 1Page - Cypress Semiconductor W137 Datasheet HTML 2Page - Cypress Semiconductor W137 Datasheet HTML 3Page - Cypress Semiconductor W137 Datasheet HTML 4Page - Cypress Semiconductor W137 Datasheet HTML 5Page - Cypress Semiconductor W137 Datasheet HTML 6Page - Cypress Semiconductor W137 Datasheet HTML 7Page - Cypress Semiconductor W137 Datasheet HTML 8Page - Cypress Semiconductor W137 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bx Notebook System Frequency Synthesizer
W137
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
October 12, 1999, rev. **
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum Technology
• Two copies of CPU output
• Six copies of PCI output (Synchronous w/CPU output)
• One 48-MHz output for USB support
• One selectable 24-/48-MHz output
• Two Buffered copies of 14.318-MHz input reference
signal
• Supports 100-MHz or 66-MHz CPU operation
• Power management control input pins
• Available in 28-pin SSOP (209 mils)
• SS function can be disabled
• See W40S11-02 for 2 SDRAM DIMM support
Key Specifications
Supply Voltages: ....................................... VDDQ3 = 3.3V±5%
VDDQ2 = 2.5V±5%
CPU0:1 Output to Output Skew: ................................ 175 ps
CPU0:1 Cycle to Cycle Jitter: ..................................... 200 ps
PCI_F, PCI1:5 Output to Output Skew:........................ 500 ps
PCI_F, PCI1:5 Cycle to Cycle Jitter: ............................ 250 ps
CPU to PCI Output Skew: ............... 1.5–4.0 ns (CPU Leads)
Output Duty Cycle: .................................................... 45/55%
PCI_F, PCI Edge Rate: .............................................. >1 V/ns
CPU_STOP#,
OE,
SPREAD#,
SEL48#,
PCI_STOP#,
PWR_DWN# all have a 250-k
Ω pull-up resistor.
Table 1. Pin Selectable Frequency
SEL100/66#
OE
CPU
PCI
Spread%
0/1
0
HI-Z
HI-Z
Don’t Care
0
1
66.6 MHz
33.3
See Table 2
1
1
100 MHz
33.3
See Table 2
Table 2. Spread Spectrum Feature
SPREAD#
Spread Profile
0
–0.5% (down spread)
1
0% (spread disabled)
Block Diagram
Pin Configuration
REF0:1
CPU0:3
CPUdiv2_0:1
3V66_0:3
XTAL
PLL 1
SPREAD#
X2
X1
PCI_F
PCI1:7
IOAPIC0:2
48MHz
PLL2
OSC
÷2
STOP
Logic
Power
Three-state
Logic
SEL0
SEL1
SEL133/100#
Clock
CPU_STOP#
÷2/÷1.5
STOP
Logic
Clock
Down
Logic
÷2
STOP
Logic
Clock
÷2
2
4
2
4
1
7
3
1
PCI_STOP#
PWRDWN#
GND
X1
X2
PCI_F
PCI1
PCI2
GND
VDDQ3
PCI3
PCI4
PCI5
VDDQ3
48MHz
24/48MHz/OE
VDDQ3
REF0/SEL48#
REF1/SPREAD#
VDDQ2
CPU0
CPU1
GND
GND
PCI_STOP#
VDDQ3
CPU_STOP#
PWR_DWN#
SEL100/66#
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - W137

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W137 SPECTRALINEAR-W137 Datasheet
131Kb / 8P
FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
W137H SPECTRALINEAR-W137H Datasheet
131Kb / 8P
FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
W137HT SPECTRALINEAR-W137HT Datasheet
131Kb / 8P
FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
More results

Similar Description - W137

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W133 CYPRESS-W133 Datasheet
146Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 13, 1999
W158 CYPRESS-W158 Datasheet
166Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 12, 1999, rev
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
Spread Spectrum BX System Frequency Generator
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
CY24242 CYPRESS-CY24242 Datasheet
224Kb / 10P
Laser Printer System Frequency Synthesizer
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
High-Performance Frequency Synthesizer System
logo
Silicon Laboratories
W158 SILABS-W158 Datasheet
154Kb / 12P
Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com