Electronic Components Datasheet Search
  English  ▼

X  

W137 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W137
Description  Bx Notebook System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W137 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W137 Datasheet HTML 1Page - Cypress Semiconductor W137 Datasheet HTML 2Page - Cypress Semiconductor W137 Datasheet HTML 3Page - Cypress Semiconductor W137 Datasheet HTML 4Page - Cypress Semiconductor W137 Datasheet HTML 5Page - Cypress Semiconductor W137 Datasheet HTML 6Page - Cypress Semiconductor W137 Datasheet HTML 7Page - Cypress Semiconductor W137 Datasheet HTML 8Page - Cypress Semiconductor W137 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W137
2
Pin Definitions
Pin Name
Pin
No.
Pin
Type
Pin Description
CPU0:1
24, 23
O
CPU Clock Outputs 0 and 1: These two CPU clock outputs are controlled by the
CPU_STOP# control pin. Output voltage swing is controlled by voltage applied to
VDDQ2. Frequency is selected per Table 1.
PCI1:5
5, 6, 9, 10,
11
O
PCI Bus Clock Outputs 1 through 5: These five PCI clock outputs are controlled
by the PCI_STOP# control pin. Output voltage swing is controlled by voltage applied
to VDDQ3. Frequency is selected per Table 1.
PCI_F
4
O
Fixed PCI Clock Output: Unlike PCI1:5 outputs, this output is not controlled by the
PCI_STOP# control pin; it cannot be forced LOW by PCI_STOP#. Output voltage
swing is controlled by voltage applied to VDDQ3. Frequency is selected per Table 1.
CPU_STOP#
18
I
CPU_STOP# Input: When brought LOW, clock outputs CPU0:1 are stopped LOW
after completing a full clock cycle (2–3 CPU clock latency). When brought HIGH,
clock outputs CPU0:1 start with a full clock cycle (2–3 CPU clock latency).
PCI_STOP#
20
I
PCI_STOP# Input: The PCI_STOP# input enables the PCI1:5 outputs when HIGH
and causes them to remain at logic 0 when LOW. The PCI_STOP# signal is latched
on the rising edge of PCI_F. Its effect takes place on the next PCI_F clock cycle.
REF0/SEL48#
27
I/O
I/O Dual-Function REF0 and SEL48# Pin: Upon power-up, the state of SEL48# is
latched. The state is set by either a 10K resistor to GND or to VDD. A 10K resistor to
GND causes pin 14 to provide a 48-MHz clock. If the pin is strapped to VDD, pin 14
will provide a 24-MHz clock. After 2 ms, the pin becomes a high-drive output that
produces a copy of 14.318 MHz.
REF1/SPREAD#
26
I/O
I/O Dual-Function REF1 and SPREAD# Pin: Upon power-up, the state of
SPREAD# is latched. The state is set by either a 10K resistor to GND or to VDD. A
10K resistor to GND enables Spread Spectrum function. If the pin is strapped to VDD,
Spread Spectrum is disabled. After 2 ms, the pin becomes a high-drive output that
produces a copy of 14.318 MHz.
24/48MHz/OE
14
I/O
I/O Dual-Function 24-MHz or 48-MHz Output and Output Enable Input: Upon
power-up, the state of pin 14 is latched. The state is set by either a 10K resistor to
GND or to VDD. A 10K resistor to GND latches OE LOW, and all outputs are three-
stated. If the pin is strapped to VDD, OE is latched HIGH and all outputs are active.
After 2 ms, the pin becomes an output whose frequency is set by the state of pin 27
on power-up.
48MHz
13
O
48-MHz Output: Fixed 48-MHz USB output. Output voltage swing is controlled by
voltage applied to VDDQ3.
SEL100/66#
16
I
Frequency Selection Input: Select power-up default CPU clock frequency as shown
in Table 1.
X1
2
I
Crystal Connection or External Reference Frequency Input: This pin can either
be used as a connection to a crystal or to a reference signal.
X2
3
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If
using an external reference, this pin must be left unconnected.
PWR_DWN#
17
I
Power Down Control: When this input is LOW, device goes into a low-power standby
condition. All outputs are held LOW. CPU and PCI clock outputs are stopped LOW
after completing a full clock cycle (2–3 CPU clock cycle latency). When brought
HIGH, CPU and PCI outputs start with a full clock cycle at full operating frequency
(3 ms maximum latency).
VDDQ3
8, 12, 19, 28
P
Power Connection: Connected to 3.3V.
VDDQ2
25
P
Power Connection: Power supply for CPU0:1 output buffers. Connected to 2.5V.
GND
1, 7, 15, 21,
22
G
Ground Connection: Connect all ground pins to the common system ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com