Electronic Components Datasheet Search
  English  ▼

X  

W147 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W147
Description  Frequency Generator for Integrated Core Logic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W147 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W147 Datasheet HTML 1Page - Cypress Semiconductor W147 Datasheet HTML 2Page - Cypress Semiconductor W147 Datasheet HTML 3Page - Cypress Semiconductor W147 Datasheet HTML 4Page - Cypress Semiconductor W147 Datasheet HTML 5Page - Cypress Semiconductor W147 Datasheet HTML 6Page - Cypress Semiconductor W147 Datasheet HTML 7Page - Cypress Semiconductor W147 Datasheet HTML 8Page - Cypress Semiconductor W147 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
W147G
PRELIMINARY
5
Power Down Control
W147G provides one PWRDWN# signal to place the device in low-power mode. In low-power mode, the PLLs are turned off and
all clock outputs are driven LOW.
Notes:
8.
Once the PWRDWN# signal is sampled LOW for two consecutive rising edges of CPU clock, clocks of interest should be held LOW on the next HIGH-to-LOW
transition.
9.
PWR_DWN# is an asynchronous input and metastable conditions could exist. This signal is synchronized inside W147G.
10. The shaded sections on the SDRAM, REF, and USB clocks indicate “don’t care” states.
11. Diagrams shown with respect to 100 MHz. Similar operation when CPU is 66 MHz.
Table 3. W147G Maximum Allowed Current
W147
Condition
Max. 2.5V supply consumption
Max. discrete cap loads,
VDDQ2 = 2.625V
All static inputs = VDDQ3 or VSS
Max. 3.3V supply consumption
Max. discrete cap loads
VDDQ3 = 3.465V
All static inputs = VDDQ3 or VSS
Powerdown Mode
(PWRDWN# = 0)
100
µA
200
µA
Full Active 66 MHz
SEL1,0 = 10 (PWRDWN# =1)
70 mA
280 mA
Full Active 100 MHz
SEL1,0 =11 (PWRDWN# = 1)
100 mA
280 mA
1
2
Center
0ns
25ns
50ns
75ns
VCO Internal
CPU 100MHz
3V66 66MHz
PCI 33MHz
APIC 33MHz
PwrDwn
SDRAM 100MHz
REF 14.318MHz
USB 48MHz
Figure 4. W147G PWRDWN# Timing Diagram[8, 9, 10, 11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com