Electronic Components Datasheet Search
  English  ▼

X  

W147 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W147
Description  Frequency Generator for Integrated Core Logic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W147 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W147 Datasheet HTML 3Page - Cypress Semiconductor W147 Datasheet HTML 4Page - Cypress Semiconductor W147 Datasheet HTML 5Page - Cypress Semiconductor W147 Datasheet HTML 6Page - Cypress Semiconductor W147 Datasheet HTML 7Page - Cypress Semiconductor W147 Datasheet HTML 8Page - Cypress Semiconductor W147 Datasheet HTML 9Page - Cypress Semiconductor W147 Datasheet HTML 10Page - Cypress Semiconductor W147 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W147G
PRELIMINARY
7
Serial Data Interface
The W147G features a two-pin, serial data interface that can
be used to configure internal register settings that control par-
ticular device functions.
Data Protocol
The clock driver serial protocol accepts only block writes from
the controller. The bytes must be accessed in sequential order
from lowest to highest byte with the ability to stop after any
complete byte has been transferred. Indexed bytes are not al-
lowed.
A block write begins with a slave address and a write condition.
After the command code the core logic issues a byte count
which describes how many more bytes will follow in the mes-
sage. If the host had 20 bytes to send, the first byte would be
the number 20 (14h), followed by the 20 bytes of data. The byte
count may not be 0. A block write command is allowed to trans-
fer a maximum of 32 data bytes. The slave receiver address
for W147G is 11010010. Figure 7 shows an example of a block
write.
The command code and the byte count bytes are required as
the first two bytes of any transfer. W147G expects a command
code of 0000 0000. The byte count byte is the number of ad-
ditional bytes required for the transfer, not counting the com-
mand code and byte count bytes. Additionally, the byte count
byte is required to be a minimum of 1 byte and a maximum of
32 bytes to satisfy the above requirement. Table 4 shows an
example of a possible byte count value.
A transfer is considered valid after the acknowledge bit corre-
sponding to the byte count is read by the controller. The com-
mand code and byte count bytes are ignored by the W147G.
However, these bytes must be included in the data write se-
quence to maintain proper byte allocation.
Notes:
12. The acknowledgment bit is returned by the slave/receiver (W147G).
13. Data Bytes 3 to 7 are reserved.
1 bit
7 bits
1
1
8 bits
1
Start bit
Slave Address
R/W
Ack
Command Code
Ack
Byte Count = N
Ack
Data Byte 1
Ack
Data Byte 2
Ack
...
Data Byte N
Ack
Stop
1 bit
8 bits
1
8 bits
1
8 bits
1
1
Figure 7. An Example of a Block Write[12]
Table 4. Example of Possible Byte Count Value
Byte Count Byte
Notes
MSB
LSB
0000
0000
Not allowed. Must have at least one byte.
0000
0001
Data for functional and frequency select register (currently byte 0 in spec)
0000
0010
Reads first two bytes of data. (byte 0 then byte 1)
0000
0011
Reads first three bytes (byte 0, 1, 2 in order)
0000
0100
Reads first four bytes (byte 0, 1, 2, 3 in order)
0000
0101
Reads first five bytes (byte 0, 1, 2, 3, 4 in order)[13]
0000
0110
Reads first six bytes (byte 0, 1, 2, 3, 4, 5 in order)[13]
0000
0111
Reads first seven bytes (byte 0, 1, 2, 3, 4, 5, 6 in order)
0010
0000
Max byte count supported = 32
Table 5. Serial Data Interface Control Functions Summary
Control Function
Description
Common Application
Output Disable
Any individual clock output(s) can be disabled.
Disabled outputs are actively held LOW.
Unused outputs are disabled to reduce EMI and sys-
tem power. Examples are clock outputs to unused
PCI slots.
Spread Spectrum
Enabling
Enables or disables spread spectrum clocking.
For EMI reduction.
(Reserved)
Reserved function for future device revision or pro-
duction device testing.
No user application. Register bit must be written as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com