Electronic Components Datasheet Search
  English  ▼

X  

W158 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W158
Description  Spread Spectrum System Frequency Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W158 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W158 Datasheet HTML 3Page - Cypress Semiconductor W158 Datasheet HTML 4Page - Cypress Semiconductor W158 Datasheet HTML 5Page - Cypress Semiconductor W158 Datasheet HTML 6Page - Cypress Semiconductor W158 Datasheet HTML 7Page - Cypress Semiconductor W158 Datasheet HTML 8Page - Cypress Semiconductor W158 Datasheet HTML 9Page - Cypress Semiconductor W158 Datasheet HTML 10Page - Cypress Semiconductor W158 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W158
7
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V±5%, VDDQ2 = 2.5V±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD-3.3V
Combined 3.3V Supply Current
CPU0:3 =133 MHz[29]
160
mA
IDD-2.5
Combined 2.5V Supply Current
CPU0:3 =133 MHz[29]
90
mA
Logic Inputs (All referenced to VDDQ3 = 3.3V)
VIL
Input Low Voltage
GND
–0.3
0.8
V
VIH
Input High Voltage
2.0
VDD+
0.3
V
IIL
Input Low Current[30]
–25
µA
IIH
Input High Current[30]
10
µA
IIL
Input Low Current, SEL133/100#[30]
–5µA
IIH
Input High Current, SEL133/100#[30]
5µA
Clock Outputs
CPU, CPUdiv2, IOAPIC (Referenced to VDDQ2)
Test Condition
Min.
Typ.
Max.
Unit
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
2.2
V
IOL
Output Low Current
VOL = 1.25V
45
65
100
mA
IOH
Output High Current
VOH = 1.25V
45
65
100
mA
48MHz, REF (Referenced to VDDQ3)
Test Condition
Min.
Typ.
Max.
Unit
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
IOL
Output Low Current
VOL = 1.5V
45
65
100
mA
IOH
Output High Current
VOH = 1.5V
45
65
100
mA
PCI, 3V66 (Referenced to VDDQ3)
Test Condition
Min.
Typ.
Max.
Unit
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
IOL
Output Low Current
VOL = 1.5V
70
100
145
mA
IOH
Output High Current
VOH = 1.5V
65
95
135
mA
Notes:
29. All clock outputs loaded with 6" 60
Ω transmission lines with 20-pF capacitors.
30. W158 logic inputs have internal pull-up devices, except SEL133/100# (pull-ups not CMOS level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com